Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976GEFL/V Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
60
Table 48 shows the polarities of the outputs in various configurations.
Unless otherwise stated, polarity is shown with respect to left DAC output in non-inverting mode.
Note that only registers relating to the mixer paths are shown here (Mixer enables, volume settings,
output enables etc are not shown).
CONFIGURATION
MIXER PATH
REGISTERS
DIFFERENT
FROM DEFAULT
Default:
Stereo DAC playback
to LOUT1/ROUT1,
LOUT2/ROUT2 and
OUT4/OUT3
0
0
0
0
0
0
0°
1
0°
1
0°
1
0°
1
180°
1
180°
1
DACs inverted
1
1
0
0
0
0
180°
1
180°
1
180°
1
180°
1
0°
1
0°
1
Stereo DAC playback
to LOUT1/ROUT1 and
LOUT2/ROUT2 and
OUT4/OUT3
(Speaker boost
enabled)
0
0
0
1
0
0
0°
1
0°
1
0°
1
0°
1
0°
1.5
0°
1.5
Stereo DAC playback
to LOUT1/ROUT1 and
LOUT2/ROUT2 and
OUT4/OUT3
(OUT3 and OUT4
boost enabled)
0
0
0
0
1
1
180°
1.5
180°
1.5
0°
1
0°
1
180°
1
180°
1
Stereo playback to
OUT3/OUT4 (DACs
input to OUT3/OUT4
mixers via left/right
mixers)
0
0
0
0
0
0
LDAC2OUT3=0
RDAC2OUT4=0
LMIX2OUT3=1
RMIX2OUT4=1
180°
1
180°
1
0°
1
0°
1
180°
1
180°
1
Differential output of
mono mix of DACs via
LOUT2/ROUT2 (e.g.
BTL speaker drive)
0
0
1
0
0
0
0°
1
0°
1
0°
1
0°
1
180°
1
0°
1
High power speaker
drive
0
0
1
1
0
0
0°
1
0°
1
0°
1
0°
1
0°
1.5
180°
1.5
Table 48 Relative Output Phases
Note that differential output should not be set up by combining outputs in boost mode with outputs
which are not in boost mode as this would cause a DC offset current on the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com