Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976GEFL/V Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
72
u-law Companding
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 34 u-Law Companding
A-law Companding
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 35 A-Law Companding
GENERAL PURPOSE INPUT/OUTPUT
The WM8976 has two dual purpose input/output pins.
•
CSB/GPIO1: CSB / GPIO pin
•
L2/GPIO2: Line input / headphone detection input
The GPIO2 function is provided for use as a jack detection input.
The GPIO1 function is provided for use as a jack detection input or a general purpose output.
The default configuration for the CSB/GPIO1 pin is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 49 illustrates the functionality of the GPIO1 pin when used as a general purpose output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com