Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976GEFL/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
25
Figure 9 Microphone Bias Schematic
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8976 uses a multi-bit, oversampled sigma-delta ADC. The use of multi-bit feedback and
high oversampling rates reduces the effects of jitter and high frequency noise. The ADC Full Scale
input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0Vrms. Any
voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTERS
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The
digital filter path for each ADC channel is illustrated in Figure 10.
Figure 10 ADC Digital Filter Path
The ADC is enabled by the ADCENL/R register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management 2
0
ADCENL
0
Enable ADC:
0 = ADC disabled
1 = ADC enabled
Table 11 ADC Enable Control
AGND
MBVSEL=0
MICBIAS
= 1.8 x VMID
= 0.9 x AVDD
VMID
internal
resistor
internal
resistor
MB
MBVSEL=1
MICBIAS
= 1.3 x VMID
= 0.65 x AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com