Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976GEFL/V Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
92
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
8
ALCSEL
0
ALC function select:
0=ALC off
1=ALC on
Input Limiter/
Automatic
Level Control
(ALC)
7:6
00
Reserved
5:3
ALCMAXGAIN
111
Set Maximum Gain of PGA
111=+35.25dB
110=+29.25dB
101=+23.25dB
100=+17.25dB
011=+11.25dB
010=+5.25dB
001=-0.75dB
000=-6.75dB
Input Limiter/
Automatic
Level Control
(ALC)
32 (20h)
2:0
ALCMINGAIN
000
Set minimum gain of PGA
000=-12dB
001=-6dB
010=0dB
011=+6dB
100=+12dB
101=+18dB
110=+24dB
111=+30dB
Input Limiter/
Automatic
Level Control
(ALC)
7:4
ALCHLD
0000
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
Input Limiter/
Automatic
Level Control
(ALC)
33 (21h)f
3:0
ALCLVL
1011
ALC target – sets signal level at ADC input
1111 : -1.5dBFS
1110 : -1.5dBFS
1101 : -3dBFS
1100 : -4.5dBFS
...... (-1.5dB steps)
0001 : -21dBFS
0000 : -22.5dBFS
Input Limiter/
Automatic
Level Control
(ALC)
8
ALCMODE
0
Determines the ALC mode of operation:
0=ALC mode
1=Limiter mode
Input Limiter/
Automatic
Level Control
(ALC)
Decay (gain ramp-up) time
(ALCMODE ==0)
Per step
Per 6dB
90% of
range
0000
410us
3.3ms
24ms
0001
820us
6.6ms
48ms
0010
1.64ms
13.1ms
192ms
… (time doubles with every step)
0011
1010 or
higher
420ms
3.36s
24.576s
Decay (gain ramp-up) time
(ALCMODE ==1)
Per step
Per 6dB
90% of
range
34 (22h)
7:4
ALCDCY
[3:0]
0011
0000
90.8us
726.4us
5.26ms
Input Limiter/
Automatic
Level Control
(ALC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com