Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713LGEFL/V Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
WM9713L
Pre-Production
w
PP Rev 3.0 June 2006
90
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
BB
0 (linear)
Selects linear bass control or adaptive bass boost
12
BC
0 (low)
Selects bass cut-off frequency
11:8
BASS
1111 (OFF)
Controls bass intensity
6
DAT
0 (OFF)
Enables 6dB pre-DAC attenuation
4
TC
0 (high)
Selects treble cut-off frequency
20h
3:0
TRBL
1111 (OFF)
Controls treble intensity
Audio DACs,
Tone Control /
Bass Boost
Register 20h controls the bass and treble response of the left and right audio DAC (but not AUXDAC).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:14
MICCMPSEL
00 (mics)
Selects input function for MIC2A/COMP1 and
MIC2B/COMP2
13:12
MPASEL
00 (MIC1)
Selects input to MICA preamp (from MIC1,
MIC2A, MIC2B)
11:10
MPABST
00 (12dB)
Controls MICA preamp gain boost
9:8
MPBBST
00 (12dB)
Controls MICB preamp gain boost
7
MBOP2EN
0 (Off)
Enables microphone bias output path to pin 12
6
MBOP1EN
1 (On)
Enables microphone bias output path to MICBIAS
5
MBVOL
0 (0.9xAVDD)
Selects microphone bias voltage
4:2
MCDTHR
000 (100uA)
Controls microphone current detect threshold
22h
1:0
MCDSCTHR
00 (600uA)
Controls microphone short-circuit detect threshold
Analogue
Inputs,
Microphone
Input
Register 22h controls the microphone input configuration and microphone bias and detect configuration.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4
JIEN
0 (OFF)
Jack insert detect enable
3:2
DCDRVSEL
00 (AC)
Output PGA source for headphone DC reference
(default is AC coupled – no source selected)
24h
1:0
EARSPKSEL
00
Ear speaker source select (default is no source
selected)
Analogue
Audio Outputs
Register 24h controls the output volume mapping on headphone jack insertion.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
14
PR6
1 (OFF)
Disables all output PGAS
13
PR5
1 (OFF)
Disables internal clock
12
PR4
1 (OFF)
Disables AC-link interface (external clock off)
11
PR3
1 (OFF)
Disables VREF, input PGAs, DACs, ADCs, mixers
and outputs
10
PR2
1 (OFF)
Disables input PGAs and mixers
9
PR1
1 (OFF)
Disables stereo DAC
8
PR0
1 (OFF)
Disables stereo ADCs and record mux PGA
3
REF
0
Read-only bit, indicates VREF is ready (inverse of
PR3)
2
ANL
0
Read-only bit, indicates analogue mixers are ready
(inverse of PR2)
1
DAC
0
Read-only bit, indicates stereo DAC is ready
(inverse of PR1)
26h
0
ADC
0
Read-only bit, indicates stereo ADC is ready
(inverse of PR0)
Power
Management
Register 26h is for power management according to the AC’97 specification. Note that the actual state of many circuit
blocks depends on both register 26h AND registers 3Ch and 3Eh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com