Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3B Datasheet(PDF) 208 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 208 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 204Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 205Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 206Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 207Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 208Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 209Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 210Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 211Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 212Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 241 page
background image
208
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Notes:
1. Typical values are obtained using VDD= 3 V and TA= 25°C. They are not tested and there is no
guarantee on these values.
2. Flash retention is guaranteed with the same formula for V
DD min down to 0V.
3. See Table 24-2 for typical consumption in player mode.
Table 24-2.
Typical Reference Design AT89C51SND2C Power Consumption
IDD
AT89C51SND2C
Operating Current
(3)
X1 / X2 mode
7/ 11.5
9/ 14.5
10.5 / 18
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
AT83SND2C
Operating Current
X1 / X2 mode
7/ 11.5
9/ 14.5
10.5 / 18
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
I
DL
AT89C51SND2C
Idle Mode Current
(3)
X1 / X2 mode
6.3 / 9.1
7.4 / 11.3
8.5 / 14
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
AT83SND2C
Idle Mode Current
X1 / X2 mode
6.3 / 9.1
7.4 / 11.3
8.5 / 14
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
I
PD
AT89C51SND2C
Power-Down Mode Current
20
500
μAV
RET < VDD < 3.3 V
AT83SND2C
Power-Down Mode Current
20
500
μAV
RET < VDD < 3.3 V
I
FP
AT89C51SND2C
Flash Programming Current
+15
mA
V
DD < 3.3 V
Table 24-1.
Digital DC Characteristics
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
Player Mode
IDD
Test Conditions
Stop
10 mA
AT89C51SND2C at 16 MHz, X2 mode, VDD= 3 V
No song playing.
This consumption does not include AUDVBAT current.
Playing
37 mA
AT89C51SND2C at 16 MHz, X2 mode, VDD= 3 V
MP3 Song with Fs= 44.1 KHz, at any bit rates (Variable Bit Rate)
This consumption does not include AUDVBAT current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com