Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3B Datasheet(PDF) 212 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 208Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 209Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 210Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 211Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 212Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 213Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 214Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 215Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 241 page
background image
212
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Figure 24-8. Maximum Dissipated Power Versus Power Supply
VOS
Output differential offset
full gain
-20
0
20
mV
Z
IN
Input impedance
Active state
12K
20k
30k
W
Z
LFP
Output load
Full Power mode
6
8
32
W
Z
LLP
Output load
Low-Power mode
100
150
300
W
C
L
Capacitive load
-
-
100
pF
PSRR
Power supply rejection
ratio
200 – 2kHz
Differential output
-60
-
dB
BW
Output Frequency
bandwidth
1KHz reference frequency
3dB attenuation.
470nF input coupling capacitors
50
-
20000
Hz
tUP
Output setup time
Off to on mode. Voltage already
settled.
Input capacitors precharged
--
10
ms
VN
Output noise
Max gain, A weighted
-
120
500
µVRMS
THDHP
Output distortion
High power mode, VDD = 3.2V,
1KHz, Pout=100mW, gain=0dB
-50
-
dB
THDLP
Output distortion
Low power mode, VDD = 3.2V ,
1KHz, Vout= 100mVpp, Max gain,
load 8 ohms in serie with 200
ohms
-1
-
%
GACC
Overall Gain accuracy
-2
0
2
dB
GSTEP
Gain Step Accuracy
-0.7
0
0.7
dB
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
200
250
300
350
400
450
500
550
600
3,2
3,4
3,6
3,8
4
4,2
Supply Voltage AUDVBAT [V]
8 Ohms load
6.5 Ohms load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com