Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3B Datasheet(PDF) 214 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 214 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 210Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 211Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 212Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 213Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 214Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 215Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 216Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 217Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 241 page
background image
214
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Output load capacitance (on HSL, HSR)
- Headphone load
- Line load
30
30
1000
150
pF
pF
Signal to Noise Ratio
(–1dBFS @ 1kHz input and 0dB Gain)
- Line and Headphone loads
87
92
dB
Total Harmonic Distortion (–1dBFS @ 1kHz input and 0dB Gain)
- Line Load
- Headphone Load
- Headphone Load (16 Ohm)
-80
-65
-40
-76
-60
dB
dB
dB
Dynamic Range (measured with -60 dBFS @ 1kHz input, extrapolated to full-scale)
- Line Load
- Headphone Load
88
70
93
74
dB
dB
Interchannel mismatch
0.1
1
dB
Left-channel to right-channel crosstalk (@ 1kHz)
-90
-80
dB
Output Power Level Control Range
-6
-
6
dB
Output Power Level Control Step
3
dB
PSRR
- 1kHz
- 20kHz
55
50
dB
dB
Maximum output slope at power up (100 to 220F coupling capacitor)
3
V/s
ANALOG PERFORMANCE – Line-in/Microphone Input to Line-out/Headphone Output
Input level for full scale output - 0dBFS Level
@ AUDVDD, HSVDD = 2.8 V and 0 dB gain
@ AUDVDD, HSVDD = 2.8 V and 20 dB gain
1.65
583
0.165
58.3
Vpp
mVrms
Vpp
mVrms
Input common mode voltage
0.5xAUDVDD
V
Input impedance
7
10
kOhm
Signal to Noise Ratio
-1 dBFS @ 1kHz input and 0 dB gain
-21 dBFS @ 1kHz input and 20 dB gain
81
85
71
dB
Dynamic Range (extrapolated to full scale level)
-60 dBFS @ 1kHz input and 0 dB gain
-60 dBFS @ 1kHz input and 20 dB gain
82
86
72
dB
Total Harmonic Distortion
–1dBFS @ 1kHz input and 0 dB gain
–1dBFS @ 1kHz input and 20 dB gain
-80
-75
-76
-68
dB
Interchannel mismatch
0.1
1
dB
Table 24-6.
Audio DAC Specification (Continued)
OVERALL
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com