Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF52 Datasheet(PDF) 48 Page - Texas Instruments

Part # ADC32RF52
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF52 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC32RF52 Datasheet HTML 44Page - Texas Instruments ADC32RF52 Datasheet HTML 45Page - Texas Instruments ADC32RF52 Datasheet HTML 46Page - Texas Instruments ADC32RF52 Datasheet HTML 47Page - Texas Instruments ADC32RF52 Datasheet HTML 48Page - Texas Instruments ADC32RF52 Datasheet HTML 49Page - Texas Instruments ADC32RF52 Datasheet HTML 50Page - Texas Instruments ADC32RF52 Datasheet HTML 51Page - Texas Instruments ADC32RF52 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
7.3.6.2 JESD204B Frame Assembly
The JESD204B standard defines the following parameters:
• L: number of lanes per link
• M: number of converters per device
• F: number of octets per frame clock period
• S: number of samples per frame
7.3.6.3 JESD204B Frame Assembly in Bypass Mode
Table 7-31 lists the available JESD204B formats and corresponding valid sampling rate ranges for the
ADC32RF5x. The sampling rates are limited by the minimum and maximum SERDES line rate as well as ADC
sampling clock frequencies. The JESD204B frame assembly for the different lanes is shown in Table 7-32.
When internal digital averaging is used, the output resolution is automatically adjusted from 14-bit to 16-bit to
avoid quantization noise limitation.
Table 7-31. JESD Mode Options: Bypass Mode
DECIMATION
SETTING D
(complex)
OUTPUT
RESOLUTION
(Bits)
L
M
F
S
MIN FS
(Gsps)
MAX FS
(Gsps)
RATIO
[fSERDES/FS]
Bypass
12(1)
8
2
8
20
0.5
1.5
4
14/16(2)
8
2
2
4
0.5
1.5
5
4
2
2
2
0.5
1.5
10
(1) In this output mode, two LSBs are truncated to a 12-bit output.
(2) When using digital averaging the output resolution changes to 16-bit.
Table 7-32. JESD Sample Frame Assembly: Bypass Mode
OUTPUT
LANE
LMFS = 82820
LMFS = 8224
LMFS = 4222
DOUT0
A0[11:4]
A0[3:0],
A1[11:8]
A1[7:0]
A2[11:4]
A2[3:0],
A3[11:8]
A3[7:0]
A4[11:4]
A4[3:0],
0000
A0[13:6]
A0[5:0],
00
A0[13:6]
A0[5:0],
00
DOUT1
A5[11:4]
A5[3:0],
A6[11:8]
A6[7:0]
A7[11:4]
A7[3:0],
A8[11:8]
A8[7:0]
A9[11:4]
A9[3:0],
0000
A1[13:6]
A1[5:0],
00
A1[13:6]
A1[5:0],
00
DOUT2 A10[11:4]
A10[3:0],
A11[11:8]
A11[7:0] A12[11:4]
A12[3:0],
A13[11:8]
A13[7:0] A14[11:4]
A14[3:0],
0000
A2[13:6]
A2[5:0],
00
B0[13:6]
B0[5:0],
00
DOUT3 A15[11:4]
A15[3:0],
A16[11:8]
A16[7:0] A17[11:4]
A17[3:0],
A18[11:8]
A18[7:0] A19[11:4]
A19[3:0],
0000
A3[13:6]
A3[5:0],
00
B1[13:6]
B1[5:0],
00
DOUT4
B0[11:4]
B0[3:0],
B1[11:8]
B1[7:0]
B2[11:4]
B2[3:0],
B3[11:8]
B3[7:0]
B4[11:4]
B4[3:0],
0000
B0[13:6]
B0[5:0],
00
DOUT5
B5[11:4]
B5[3:0],
B6[11:8]
B6[7:0]
B7[11:4]
B7[3:0],
B8[11:8]
B8[7:0]
B9[11:4]
B9[3:0],
0000
B1[13:6]
B1[5:0],
00
DOUT6 B10[11:4]
B10[3:0],
B11[11:8]
B11[7:0] B12[11:4]
B12[3:0],
B13[11:8]
B13[7:0] B14[11:4]
B14[3:0],
0000
B2[13:6]
B2[5:0],
00
DOUT7 B15[11:4]
B15[3:0],
B16[11:8]
B16[7:0] B17[11:4]
B17[3:0],
B18[11:8]
B18[7:0] B19[11:4]
B19[3:0],
0000
B3[13:6]
B3[5:0],
00
ADC32RF52
SBASAI6 – SEPTEMBER 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com