Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF52 Datasheet(PDF) 73 Page - Texas Instruments

Part # ADC32RF52
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF52 Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADC32RF52 Datasheet HTML 69Page - Texas Instruments ADC32RF52 Datasheet HTML 70Page - Texas Instruments ADC32RF52 Datasheet HTML 71Page - Texas Instruments ADC32RF52 Datasheet HTML 72Page - Texas Instruments ADC32RF52 Datasheet HTML 73Page - Texas Instruments ADC32RF52 Datasheet HTML 74Page - Texas Instruments ADC32RF52 Datasheet HTML 75Page - Texas Instruments ADC32RF52 Datasheet HTML 76Page - Texas Instruments ADC32RF52 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Figure 7-68. Register 0x2D (JESD page)
7
6
5
4
3
2
1
0
0
0
0
0
0
JESD SEQ SEL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-75. Register 0x2D Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
R/W
0
Must write 0
2-0
JESD SEQ SEL
R/W
000
This register selects the JESD test pattern sequence
0: Test sequence disabled
1: Repeat D21.5 high frequency pattern for random jitter (RJ)
2: Repeat K28.5 mixed frequency pattern for deterministic jitter
(DJ)
3: Repeat initial lane alignment (ILA) sequence
4: Modified random pattern
5: Scrambled jitter pattern
6: Repeat K28.7 low frequency pattern
7: Short test pattern
Figure 7-69. Register 0x2E (JESD page)
7
6
5
4
3
2
1
0
RAMP INCR
0
RAMP EN
ALT PAT
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-76. Register 0x2E Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RAMP INCR
R/W
0000
This register value sets the increment step size for the ramp
pattern on 16-bit output. The step size is RAMP INCR plus 1.
3
0
R/W
0
Must write 0
2
RAMP EN
R/W
0
Enables RAMP output pattern in the TRANSPORT LAYER.
1
ALT PAT
R/W
0
Enables a toggle pattern switching between 0x0000 and 0xFFFF
in the TRANSPORT LAYER
0
0
R/W
0
Must write 0
Figure 7-70. Register 0x2F (JESD page)
7
6
5
4
3
2
1
0
0
SERDES PRBS
SERDES PRBS
EN
0
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-77. Register 0x2F Field Descriptions
Bit
Field
Type
Reset
Description
7
0
R/W
0
Must write 0
6-5
SERDES PRBS
R/W
0
This register selects the PRBS pattern in the LINK LAYER (no
8b/10b encoding). PRBS pattern must be enabled (D4).
0: PRBS 27-1
1: PRBS 215-1
2: PRBS 223-1
3: PRBS 231-1
4
SERDES PRBS EN
R/W
0
This register enables PRBS test pattern in the LINK LAYER
0: Test pattern mode disabled
1: PRBS test pattern mode enabled
3-0
0
R/W
0
Must write 0
www.ti.com
ADC32RF52
SBASAI6 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com