Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF52 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC32RF52
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF52 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC32RF52 Datasheet HTML 17Page - Texas Instruments ADC32RF52 Datasheet HTML 18Page - Texas Instruments ADC32RF52 Datasheet HTML 19Page - Texas Instruments ADC32RF52 Datasheet HTML 20Page - Texas Instruments ADC32RF52 Datasheet HTML 21Page - Texas Instruments ADC32RF52 Datasheet HTML 22Page - Texas Instruments ADC32RF52 Datasheet HTML 23Page - Texas Instruments ADC32RF52 Datasheet HTML 24Page - Texas Instruments ADC32RF52 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
6.10 Typical Characteristics (continued)
Typical values are at TA = 25°C, ADC sampling rate = 1.5 GSPS, 50% clock duty cycle, AVDD18 = 1.8 V, AVDD12, CLKVDD,
DVDD = 1.2 V and –1-dBFS differential input, Dither = DIS, unless otherwise noted
Ambient Temperature (degC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
63
70
64
75
65
80
66
85
67
90
68
95
69
100
70
105
71
110
SNR (1x)
SNR (2x)
SNR (4x)
HD23 (1x)
HD23 (2x)
HD23 (4x)
Non HD23 (1x)
Non HD23 (2x)
Non HD23 (4x)
FIN = 900 MHz, AIN = -1 dBFS, Dither = EN
Figure 6-43. AC Performance vs Temperature
Code
0
2048
4096
6144
8192
-5
-4
-3
-2
-1
0
1
2
3
4
5
1x AVG
2x AVG
4x AVG
FIN = 900 MHz, Dither = DIS, 13-bit output
Figure 6-44. INL vs Code
Code
0
2048
4096
6144
8192
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1x AVG
2x AVG
4x AVG
FIN = 900 MHz, Dither = DIS, 13-bit output
Figure 6-45. DNL vs Code
Output Code
0
2.5%
5%
7.5%
10%
12.5%
15%
17.5%
20%
22.5%
25%
27.5%
2035
2038
2041
2044
2047
2050
2053
2056
1x AVG
2x AVG
4x AVG
Dither = DIS
Figure 6-46. DC Offset Histogram
Frequency (MHz)
0.1
1
10
100
500
10
20
30
40
50
60
70
FIN = 900 MHz
FIN = 1800 MHz
AIN = -1 dBFS, 1x AVG, Dither = DIS
Figure 6-47. CMRR
Sampling Rate (MSPS)
500
600
700
800
900 1000 1100 1200 1300 1400 1500
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
AVDD18 (1x)
AVDD12 (1x)
DVDD (1x)
CLKVDD (1x)
AVDD18 (2x)
AVDD12 (2x)
DVDD (2x)
CLKVDD (2x)
AVDD18 (4x)
AVDD12 (4x)
DVDD (4x)
CLKVDD (4x)
DDC Bypass
Figure 6-48. Current vs Sampling Rate vs Averaging
www.ti.com
ADC32RF52
SBASAI6 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com