Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF52 Datasheet(PDF) 70 Page - Texas Instruments

Part # ADC32RF52
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF52 Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC32RF52 Datasheet HTML 66Page - Texas Instruments ADC32RF52 Datasheet HTML 67Page - Texas Instruments ADC32RF52 Datasheet HTML 68Page - Texas Instruments ADC32RF52 Datasheet HTML 69Page - Texas Instruments ADC32RF52 Datasheet HTML 70Page - Texas Instruments ADC32RF52 Datasheet HTML 71Page - Texas Instruments ADC32RF52 Datasheet HTML 72Page - Texas Instruments ADC32RF52 Datasheet HTML 73Page - Texas Instruments ADC32RF52 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
Figure 7-62. Register 0x22 (JESD page)
7
6
5
4
3
2
1
0
JESD MODE
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-67. Register 0x22 Field Descriptions
Bit
Field
Type
Reset
Description
7:0
JESD MODE
R/W
00000000
This register sets the LMFS configuration
0: LMFS = 8-2-8-20 (also bit DROP LSB in 0x27 needs to be
set)
1: LMFS = 8-2-2-4
3: LMFS = 8-4-2-2
4: LMFS = 8-16-4-1
5: LMFS = 4-16-8-1
6: LMFS = 2-16-16-1
7: LMFS = 1-16-32-1
8: LMFS = 8-8-2-1
9: LMFS = 4-8-4-1
10: LMFS = 2-8-8-1
11: LMFS = 1-8-16-1
12: LMFS = 4-4-2-1
13: LMFS = 2-4-4-1
14: LMFS = 1-4-8-1
15: LMFS = 2-2-2-1
16: LMFS = 1-2-4-1
others: not used
Figure 7-63. Register 0x24 (JESD page)
7
6
5
4
3
2
1
0
DDC CLK DIV
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-68. Register 0x24 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DDC CLK DIV
R/W
00000000
This register sets the internal clock divider when using the
decimation filter. SeeTable 7-70 .
Figure 7-64. Register 0x25 (JESD page)
7
6
5
4
3
2
1
0
JESD TX CLK DIV
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-69. Register 0x25 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
JESD TX CLK DIV
R/W
0000000
This register sets the internal clock divider for the selected
LMFS output mode. See Table 7-70 for 16-bit and Table 7-71
for 20-bit output.
ADC32RF52
SBASAI6 – SEPTEMBER 2023
www.ti.com
70
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com