Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M02DFMR Datasheet(PDF) 72 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 72 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 68Page - Texas Instruments AMC131M02DFMR Datasheet HTML 69Page - Texas Instruments AMC131M02DFMR Datasheet HTML 70Page - Texas Instruments AMC131M02DFMR Datasheet HTML 71Page - Texas Instruments AMC131M02DFMR Datasheet HTML 72Page - Texas Instruments AMC131M02DFMR Datasheet HTML 73Page - Texas Instruments AMC131M02DFMR Datasheet HTML 74Page - Texas Instruments AMC131M02DFMR Datasheet HTML 75Page - Texas Instruments AMC131M02DFMR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
CLKOUT
IRQ
SCLK
PICO
CS1
MCU
GPIO
CS2
POCI
CSn
SYNC/RESET
CLKIN
DRDY
SCLK
DIN
DOUT
Device 1
CS
SYNC/RESET
CLKIN
DRDY
SCLK
DIN
DOUT
Device 2
CS
SYNC/RESET
CLKIN
DRDY
SCLK
DIN
DOUT
Device n
CS
Figure 9-3. Multiple Device Configuration
9.1.5 Calibration
Certain signal chain errors can be corrected through a single room-temperature calibration. The AMC131M02
can store calibration values and uses the values to correct the results in real time. Among the errors that can be
corrected in real time with the AMC131M02 are offset error, gain error, and phase error.
Offset calibration is performed by determining the measured output of the signal chain when the input is zero
voltage for a voltage channel or zero current for a current channel. The ADC conversion result for zero input
can be measured and recorded in external nonvolatile memory for each channel. When the system is deployed,
these values can be provided to the CHn_OCAL_MSB and CHn_OCAL_LSB registers for the corresponding
channels. The AMC131M02 then subtracts these values from the conversion results prior to providing them to
the host.
Similar to offset error correction, system gain error can be determined prior to deployment and can be used to
correct the gain error on each channel in real time. Gain error is defined as the percentage difference in the
ADC transfer function from the PGA gain corrected ideal value of 1. This error can be determined by measuring
the results from both a maximum and minimum input signal, finding the difference between these results, and
dividing by the difference between the ideal difference. Equation 11 describes how to calculate gain error.
Max,Measured
Min,Measured
Max
Min
V,I
V,I
Gain Error
1
V,I
V,I
(11)
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
72
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com