Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M02DFMR Datasheet(PDF) 76 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 76 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 72Page - Texas Instruments AMC131M02DFMR Datasheet HTML 73Page - Texas Instruments AMC131M02DFMR Datasheet HTML 74Page - Texas Instruments AMC131M02DFMR Datasheet HTML 75Page - Texas Instruments AMC131M02DFMR Datasheet HTML 76Page - Texas Instruments AMC131M02DFMR Datasheet HTML 77Page - Texas Instruments AMC131M02DFMR Datasheet HTML 78Page - Texas Instruments AMC131M02DFMR Datasheet HTML 79Page - Texas Instruments AMC131M02DFMR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
9.2.1 Design Requirements
Table 9-2 lists the design requirements for a three-phase metrology application.
Table 9-2. Key System Specifications
FEATURES
DESCRIPTION
Number of phases
3 phase (requires measurement of three voltages and three currents)
E-meter accuracy class
Class 0.1
Current sensor
Shunt resistor
Current range
0.05 A–100 A
System nominal frequency
50 Hz or 60 Hz
Measured parameters
•
Active, reactive, apparent power, and energy
•
Root-mean-square (RMS) current and voltage
•
Power factor
•
Line frequency
9.2.2 Detailed Design Procedure
Figure 9-5 illustrates phase A of a three-phase energy meter. The other AMC131M02 devices that monitor
phases B and C are connected in a similar way. The phase A current, ISHUNT, is sensed with a shunt resistor
(RSHUNT) using channel 0 of the ADC (AIN0N, AIN0P). One terminal of the shunt becomes the isolated
ground ISO_GND of the circuit and is connected to the ground pin HGND (pin 5) of the isolated side of the
AMC131M02. The phase A to neutral voltage VPHASEA is sensed with a resistor divider connected to channel 1,
and the AIN1N pin is also connected to the ISO_GND node. The high side of the resistor divider is connected to
the neutral line, the mid-point of the resistor divider is connected to the positive ADC input AIN1P, and the low
side of the resistor divider (which is sensing the ISO_GND node) is connected to the negative input AIN1N of
channel 1; therefore, the negative phase voltage is measured at channel 1. Thus, voltages measured by channel
1 of the AMC131M02 are opposite in sign to the phase voltage VPHASEA and the phase current ISHUNT, which is a
classic approach in single-phase and poly-phase metering.
The selection of the shunt resistor value is made based on the manufacturer and current range required for
energy measurements. The voltage divider resistors for the voltage channel are selected to make sure the mains
voltage is divided down to adhere to the normal input voltage ranges of the AMC131M02.
In this design, the AMC131M02 interacts with an MCU in the following manner:
• The MCU provides the CLKIN clock to the AMC131M02
• When new ADC conversion data are ready, the AMC131M02 asserts the DRDY pin, which alerts the MCU
that new samples are available
• After being alerted of new conversion data, the MCU retrieves the voltage and current samples from the
AMC131M02 through the SPI interface
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
76
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com