Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M02DFMR Datasheet(PDF) 77 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 77 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 73Page - Texas Instruments AMC131M02DFMR Datasheet HTML 74Page - Texas Instruments AMC131M02DFMR Datasheet HTML 75Page - Texas Instruments AMC131M02DFMR Datasheet HTML 76Page - Texas Instruments AMC131M02DFMR Datasheet HTML 77Page - Texas Instruments AMC131M02DFMR Datasheet HTML 78Page - Texas Instruments AMC131M02DFMR Datasheet HTML 79Page - Texas Instruments AMC131M02DFMR Datasheet HTML 80Page - Texas Instruments AMC131M02DFMR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
DVDD
Resonator and
Driver
LDO
LDO
DCDC_CAP
Rectifier
DGND
GPO
Control &
Serial
Interface
1.2-V
Reference
ADC
+
–
Gain &
Offset
Calibration
Phase
Shift &
Digital
Filter
ADC
Gain &
Offset
Calibration
Phase
Shift &
Digital
Filter
+
–
Clock
Generation
HLDO_OUT
GND
SCLK
DOUT
DIN
CS
DRDY
SYNC/RESET
CLKIN
Low side supply
(3.0 V to 5.5 V)
MCU
DCDC_OUT
DCDC_HGND
HGND
AIN1P
Source
A
B
N
C
AIN0N
AIN1N
AIN0P
ISO GND
HLDO_IN
Ferrite
Phase A
Figure 9-5. Current and Voltage Sensing With the AMC131M02
9.2.2.1 Voltage Measurement
The nominal mains voltage ranges from 100 V to 240 V, so this voltage must be scaled down to be sensed by an
ADC. Figure 9-5 shows the analog front-end used for this voltage scaling at the ADC channel 1.
The analog front-end for voltage measurement consists of a voltage divider network (RHI and RLO), and an
RC low-pass filter (RFILT and CFILT). Additional protection components (such as spike protection varistors) are
usually placed as well, but are not shown in this circuit for simplicity.
Equation 12 shows how to calculate the range of differential voltages fed to the voltage ADC channel for a given
mains voltage and the selected voltage divider resistor values.
LO
ADC
RMS
HI
LO
R
V
V
2
3R
R
r
u
u
(12)
RHI is 300 kΩ and RLO is 750 Ω in a typical design. For a mains voltage of 240 V (as measured between the line
and neutral), the input signal to the voltage-sensing ADC has a voltage swing of ±256 mV (182 mVRMS) based
on Equation 12 and the selected resistor values. This voltage is well within the ±1.2-V input voltage range that
can be sensed by the AMC131M02 for the selected PGA gain value of 1 that is used for the voltage channels.
In addition, overvoltages as high as four times the main voltages (up to 1000 V) can also be measured based on
the selected combination of resistor values and gain setting.
The finite input impedance of the ADC channel 1 results in a gain error and offset error from the non-ideal
voltage division by RLO. The introduction of a resistor in series with the inverting input of the ADC can reduce
the offset and gain errors, as explained in the Isolated Voltage-Measurement Circuit With ±250-mV Input and
Differential Output application note. The value of the additional series resistor is recommended to be in the order
of RLO, and the design steps are documented in the Isolated Voltage-Measurement Circuit With ±250-mV Input
and Differential Output application note.
9.2.2.2 Current Shunt Measurement
The analog front-end for current measurement is different from the analog front-end for voltage measurement.
Figure 9-5 shows the analog front-end used for current measurement at the ADC channel 0, which consists of
the shunt resistor RSHUNT and an RC low-pass antialiasing filter (RFILT and CFILT).
For a shunt value of 200 μΩ and a maximum current of IMAX = 100 A, the maximum voltage drop across the
shunt is VSHUNT = RSHUNT × IMAX = 200 μΩ × ±100 A = ±20 mV.
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com