Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA64-16AI Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 36Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 37Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 38Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 393 page
background image
35
ATmega64(L)
2490L–AVR–10/06
Using all Locations of
External Memory Smaller than
64 KB
Since the external memory is mapped after the internal memory as shown in Figure 11,
the external memory is not addressed when addressing the first 4,352 bytes of data
space. It may appear that the first 4,352 bytes of the external memory are inaccessible
(external memory addresses 0x0000 to 0x10FF). However, when connecting an exter-
nal memory smaller than 64 KB, for example 32 KB, these locations are easily accessed
simply by addressing from address 0x8000 to 0x90FF. Since the External Memory
Address bit A15 is not connected to the external memory, addresses 0x8000 to 0x90FF
will appear as addresses 0x0000 to 0x10FF for the external memory. Addressing above
address 0x90FF is not recommended, since this will address an external memory loca-
tion that is already accessed by another (lower) address. To the Application software,
the external 32 KB memory will appear as one linear 32 KB address space from 0x1100
to 0x90FF. This is illustrated in Figure 17. Memory configuration B refers to the
ATmega103 compatibility mode, configuration A to the non-compatible mode.
When the device is set in ATmega103 compatibility mode, the internal address space is
4,096 bytes. This implies that the first 4,096 bytes of the external memory can be
accessed at addresses 0x8000 to 0x8FFF. To the Application software, the external 32
KB memory will appear as one linear 32 KB address space from 0x1000 to 0x8FFF.
Figure 17. Address Map with 32 KB External Memory
0x0000
0x10FF
0xFFFF
0x1100
0x7FFF
0x8000
0x90FF
0x9100
0x0000
0x10FF
0x1100
0x7FFF
Memory Configuration A
Memory Configuration B
Internal Memory
(Unused)
AVR Memory Map
External 32K SRAM
External
Memory
0x0000
0x0FFF
0xFFFF
0x1000
0x7FFF
0x8000
0x8FFF
0x9000
0x0000
0x0FFF
0x1000
0x7FFF
Internal Memory
(Unused)
AVR Memory Map
External 32K SRAM
External
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com