Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA64-16AI Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 48Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 49Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 50Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 51Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 52Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 53Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 54Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 55Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 393 page
background image
52
ATmega64(L)
2490L–AVR–10/06
Figure 22. Reset Logic
Table 19. Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset
Threshold Voltage
(rising)
1.4
2.3
V
Power-on Reset
Threshold Voltage
(falling)
(1)
1.3
2.3
V
VRST
RESET Pin Threshold
Voltage
0.2 VCC
0.85 VCC
V
tRST
Minimum pulse width on
RESET Pin
1.5
µs
VBOT
Brown-out Reset
Threshold Voltage(2)
BODLEVEL = 1
2.5
2.7
2.9
V
BODLEVEL = 0
3.6
4.0
4.2
tBOD
Minimum low voltage
period for Brown-out
Detection
BODLEVEL = 1
2
µs
BODLEVEL = 0
2
µs
VHYST
Brown-out Detector
hysteresis
120
mV
MCU Control and Status
Register (MCUCSR)
Brown-Out
Reset Circuit
BODEN
BODLEVEL
Delay Counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
SPIKE
FILTER
Pull-up Resistor
JTAG Reset
Register
Watchdog
Oscillator
SUT[1:0]
Watchdog
Timer
RESET
Pull-up Resistor
PEN
Reset Circuit
L
DQ
Q
Power-On Reset
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com