Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB326-AC Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT43USB326-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326-AC Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT43USB326-AC Datasheet HTML 83Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 84Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 85Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 86Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 87Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 88Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 89Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 90Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
87
AT43USB326
3313D–USB–04/06
Table 29. Manufacturer String
Address
Data
Description
10
0C
Number of bytes, 2 bytes per character
11
03
–
12
41
A
13
00
–
14
74
t
15
00
–
16
6D
m
17
00
–
18
65
e
19
00
–
1A
6C
l
1B
00
–
1C
02
Checksum
Table 30. Product String
Address
Data
Description
1D
12
Number of bytes
1E
03
–
1F
4D
M
20
00
–
21
4D
M
22
00
–
23
4B
K
24
00
–
25
42
B
26
00
–
27
44
D
28
00
–
29
48
H
2A
00
–
2B
55
U
2C
00
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com