Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB326-AC Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT43USB326-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326-AC Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT43USB326-AC Datasheet HTML 24Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 25Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 26Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 27Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 28Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 29Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 30Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 31Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
28
AT43USB326
3313D–USB–04/06
USB Interrupt
Sources
The USB interrupts are described below.
All interrupts have individual enable, status, and mask bits through the interrupt enable regis-
ter and interrupt mask register. The Suspend and Resume interrupts are cleared by writing a 0
to the particular interrupt bit. All other interrupts are cleared when the microcontroller sets a bit
in an interrupt acknowledge register.
Table 8. USB Interrupt Sources
Interrupt
Description
SOF Received
Whenever USB hardware decodes a valid Start of Frame. The
frame number is stored in the two Frame Number Registers.
EOF2
Activated whenever the hub's frame timer reaches its EOF2 time
point.
Function EP0 Interrupt
See “Control Transfers at Control Endpoint EP0” on page 47 for
details.
Function EP1 Interrupt
For an OUT endpoint it indicates that Function Endpoint 1 has
received a valid OUT packet and that the data is in the FIFO. For
an IN endpoint it means that the endpoint has received an IN
token, sent out the data in the FIFO and received an ACK from the
Host. The FIFO is now ready to be written by new data from the
microcontroller.
Function EP2 Interrupt
For an OUT endpoint it indicates that Function Endpoint 2 has
received a valid OUT packet and that the data is in the FIFO. For
an IN endpoint it means that the endpoint has received an IN
token, sent out the data in the FIFO and received an ACK from the
Host. The FIFO is now ready to be written by new data from the
microcontroller.
Hub EP0 Interrupt
See “Control Transfers at Control Endpoint EP0” on page 47 for
details.
FRWUP
USB hardware has received a embedded function remote wakeup
request.
GLB SUSP
USB hardware has received global suspend signaling and is
preparing to put the hub in the suspend mode. The
microcontroller's firmware should place the embedded function in
the suspend state.
RSM
USB hardware received resume signaling and is propagating the
resume signaling. The microcontroller's firmware should take the
embedded function out of the suspended state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com