Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB326-AC Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT43USB326-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326-AC Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT43USB326-AC Datasheet HTML 10Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 11Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 12Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 13Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 14Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 15Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 16Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 17Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
14
AT43USB326
3313D–USB–04/06
I/O Memory
The I/O space definition of the AT43USB326 is shown in the following table:
All AT43USB326 I/O and peripherals, except for the USB hardware registers, are placed in the
I/O space. The I/O locations are accessed by the IN and OUT instructions transferring data
between the 32 general-purpose working registers and the I/O space. I/O registers within the
address range $00 – $1F are directly bit-accessible using the SBI and CBI instructions. In
these registers, the value of single bits can be checked by using the SBIS and SBIC instruc-
tions. Refer to the instruction set documentations of the AVR for more details. When using the
I/O specific commands, IN and OUT, the I/O address $00 – $3F must be used. When address-
ing I/O registers as SRAM, $20 must be added to this address. All I/O register addresses
throughout this document are shown with the SRAM address in parentheses.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Table 5. I/O Memory Space
I/O (SRAM)
Address
Name
Function
$3F ($5F)
SREG
Status Register
$3E ($5E)
SPH
Stack Pointer High
$3D ($5D)
SPL
Stack Pointer Low
$3B ($5B)
GIMSK
General Interrupt Mask Register
$3A ($5A)
GIFR
General Interrupt Flag Register
$39 ($59)
TIMSK
Timer/Counter Interrupt Mask Register
$38 ($58)
TIFR
Timer/Counter Interrupt Mask Register
$35 ($55)
MCUCR
MCU General Control Register
$33 ($53)
TCCR0
Timer/Counter0 Control Register
$32 ($52)
TCNT0
Timer/Counter0 (8 bit)
$21 ($41)
WDTCR
Watchdog Timer Counter Register
$1B ($4B)
PORTA
Data Register, Port A
$1A ($3A)
DDRA
Data Direction Register, Port A
$19 ($39)
PINA
Input Pins, Port A
$18 ($38)
PORTB
Data Register, Port B
$17 ($37)
DDRB
Data Direction Register, Port B
$16 ($36)
PINB
Input Pins, Port B
$12 ($32)
PORTD
Data Register, Port D
$11 ($31)
DDRD
Data Direction Register, Port D
$10 ($30)
PIND
Input Pins, Port D
$03 ($23)
PORTE
Data Register, Port E
$02 ($22)
DDRE
Data Direction Register, Port E
$01 ($21)
PINE
Input Pins, Port E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com