Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB326-AC Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT43USB326-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326-AC Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT43USB326-AC Datasheet HTML 85Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 86Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 87Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 88Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 89Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 90Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 91Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 92Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
89
AT43USB326
3313D–USB–04/06
Table 33. Miscellaneous Data
Address
Data
Description
41
F0
Checksum of Mask Byte + bytes in
Language ID + bytes in Manuf String + bytes
in Product String + bytes in Serial Number +
bytes in extra hot keys
(BF + 04 + 0C + 12 + 08 + 07 = F0)
42 through 6E
–
Don't cares. May be written with 0's
6F
2D
Checksum of keyboard matrix codes
Table 34. Keyboard Matrix
Address
Data
KB Row
KB Col
Description
70
28
0
0
KB Enter
71
31
1
0
KB \
72
50
2
0
Left Arrow
73
3F
3
0
F6
74
30
4
0
]
75
3E
5
0
F5
76
2A
6
0
Backspace
77
2E
7
0
=
78
36
0
1
Comma
79
07
1
1
D
7A
06
2
1
C
7B
25
3
1
KB 8
7C
0E
4
1
K
7D
20
5
1
KB 3
7E
08
6
1
E
7F
0C
7
1
I
80
63
0
2
KP Period
81
5E
1
2
KP 6
82
5B
2
2
KP 3
83
3D
3
2
F4
84
61
4
2
KP 9
85
3C
5
2
F3
86
4C
6
2
Delete
87
49
7
2
Insert
88
37
0
3
Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com