Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1069TW Datasheet(PDF) 40 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 36Page - NXP Semiconductors UJA1069TW Datasheet HTML 37Page - NXP Semiconductors UJA1069TW Datasheet HTML 38Page - NXP Semiconductors UJA1069TW Datasheet HTML 39Page - NXP Semiconductors UJA1069TW Datasheet HTML 40Page - NXP Semiconductors UJA1069TW Datasheet HTML 41Page - NXP Semiconductors UJA1069TW Datasheet HTML 42Page - NXP Semiconductors UJA1069TW Datasheet HTML 43Page - NXP Semiconductors UJA1069TW Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
40 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
7.
Limiting values
[1]
Only relevant if VWAKE < VGND − 0.3 V; current will flow into pin GND.
[2]
In accordance with IEC 60747-1. An alternative definition of virtual junction temperature is: Tvj =Tamb +Pd × Rth(vj-amb), where Rth(vj-amb)
is a fixed value to be used for the calculation of Tvj. The rating for Tvj limits the allowable combinations of power dissipation (Pd) and
ambient temperature (Tamb).
[3]
Human Body Model (HBM): C = 100 pF; R = 1.5 k
Ω.
[4]
ESD performance according to IEC 61000-4-2 (C = 150 pF, R = 330
Ω) of pins LIN, RTLIN, WAKE, BAT42 and V3 with respect to GND
was verified by an external test house. Following results were obtained:
a) Equal or better than
±4 kV (unaided)
b) Equal or better than
±20 kV for pin LIN (using external ESD protection: NXP Semiconductors PESD1LIN diode)
[5]
Machine Model (MM): C = 200 pF; L = 0.75
µH; R = 10 Ω.
Table 24.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are referenced to GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VBAT42
BAT42 supply voltage
−0.3
+60
V
load dump; t
≤ 500 ms
-
+60
V
VBAT14
BAT14 supply voltage
VBAT42 ≥ VBAT14 − 1V
continuous
−0.3
+33
V
load dump; t
≤ 500 ms
-
+45
V
VDC(n)
DC voltage on pins
V1
−0.3
+5.5
V
V3 and SYSINH
−1.5
VBAT42 + 0.3
V
INH/LIMP
−0.3
VBAT42 + 0.3
V
SENSE
−0.3
VBAT42 + 1.2
V
WAKE
−1.5
+60
V
LIN and RTLIN
with respect to any other pin
−60
+60
V
TXDL, RXDL, SDO, SDI, SCK, SCS,
RSTN, INTN and EN
−0.3
VV1 + 0.3
V
TEST
−0.3
+15
V
Vtrt
transient voltage at pin LIN
in accordance with
ISO 7637-3
−150
+100
V
IWAKE
DC current at pin WAKE
[1]
−15
-
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+125
°C
Tvj
virtual junction temperature
[2]
−40
+150
°C
Vesd
electrostatic discharge voltage
HBM
[3]
at pins LIN, RTLIN,
WAKE, BAT42, V3,
SENSE; with respect to
GND
[4]
−8.0
+8.0
kV
at any other pin
−2.0
+2.0
kV
MM; at any pin
[5]
−200
+200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com