Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1069TW Datasheet(PDF) 31 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 27Page - NXP Semiconductors UJA1069TW Datasheet HTML 28Page - NXP Semiconductors UJA1069TW Datasheet HTML 29Page - NXP Semiconductors UJA1069TW Datasheet HTML 30Page - NXP Semiconductors UJA1069TW Datasheet HTML 31Page - NXP Semiconductors UJA1069TW Datasheet HTML 32Page - NXP Semiconductors UJA1069TW Datasheet HTML 33Page - NXP Semiconductors UJA1069TW Datasheet HTML 34Page - NXP Semiconductors UJA1069TW Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
31 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
This bit is cleared automatically upon each overflow event. It has to be set in software each time the interrupt behavior is required
(fail-safe behavior).
[2]
WEN (in the System Configuration register) has to be set to activate the WAKE port function globally.
6.12.7 Interrupt register
The Interrupt register allows the cause of an interrupt event to be read. The register is
cleared upon a read access and upon any reset event. Hardware ensures that no interrupt
event is lost in case there is a new interrupt forced while reading the register. After reading
the Interrupt register pin INTN is released for tINTN to guarantee an edge event at pin
INTN.
The interrupts can be classified into two groups:
• Timing critical interrupts which require immediate reaction (SPI clock count failure
which needs a new SPI command to be resent immediately, and a BAT failure which
needs critical data to be saved immediately into the nonvolatile memory)
• Interrupts which do not require an immediate reaction (overtemperature and LIN
failures, V1 and V3 failures and the wake-ups via LIN and WAKE. These interrupts will
be signalled in Normal mode to the microcontroller once per watchdog period
(maximum); this prevents overloading the microcontroller with unexpected interrupt
events (e.g. a chattering LIN failure). However, these interrupts are reflected in the
interrupt register
7
BATFIE
BAT Failure Interrupt
Enable
1
falling edge at SENSE forces an interrupt
0
no interrupt forced
6
VFIE
Voltage Failure Interrupt
Enable
1
clearing of V1D or V3D forces an interrupt
0
no interrupt forced
5
-
reserved
0
reserved for SBCs with CAN transceiver
4
LINFIE
LIN Failure Interrupt
Enable
1
any change of the LIN Failure status bits forces an interrupt
0
no interrupt forced
3
WIE
WAKE Interrupt
Enable[2]
1
a negative edge at pin WAKE generates an interrupt in
Normal mode, Flash mode or Standby mode
0
a negative edge at pin WAKE generates a reset in Standby
mode; no interrupt in any other mode
2
WDRIE
Watchdog Restart
Interrupt Enable
1
a watchdog restart during watchdog OFF generates an
interrupt
0
no interrupt forced
1
-
reserved
0
reserved for SBCs with CAN transceiver
0
LINIE
LIN Interrupt Enable
1
LIN-bus event results in a wake-up interrupt in Standby
mode and in Normal or Flash mode (unless LIN is in Active
mode already)
0
LIN-bus event results in a reset in Standby mode; no
interrupt in any other mode
Table 8.
Interrupt Enable and Interrupt Enable Feedback register bit description …continued
Bit
Symbol
Description
Value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com