| Electronic Components Datasheet Search |
|
UJA1069TW Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1069TW Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 64 page ![]() UJA1069_2 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 02 — 5 March 2007 25 of 64 NXP Semiconductors UJA1069 LIN fail-safe system basis chip 6.12.1 SPI register mapping Any control bit which can be set by software is readable by the application. This allows software debugging as well as control algorithms to be implemented. Watchdog serving and mode setting is performed within the same access cycle; this only allows an SBC mode change whilst serving the watchdog. Each register carries 12 data bits; the other 4 bits are used for register selection and read/write definition. 6.12.2 Register overview The SPI interface gives access to all SBC registers; see Table 3. The first two bits (A1 and A0) of the message header define the register address, the third bit is the read register select bit (RRS) to select one out of two possible feedback registers; the fourth bit (RO) allows ‘read only’ access to one of the feedback registers. Which of the SBC registers can be accessed also depends on the SBC operating mode. 6.12.3 Mode register In the Mode register the watchdog is defined and re-triggered, and the SBC operating mode is selected. The Mode register also contains the global enable output bit (EN) and the Software Development Mode (SDM) control bit. During system operation cyclic access to the Mode register is required to serve the watchdog. This register can be written to in all modes. At system start-up the Mode register must be written to within tWD(init) from releasing RSTN (HIGH-level on pin RSTN). Any write access is checked for proper watchdog and system mode coding. If an illegal code is detected, access is ignored by the SBC and a system reset is forced in accordance with the state diagram of the system controller; see Figure 4. Table 3. Register overview Register address bits (A1, A0) Operating mode Write access (RO = 0) Read access (RO = 0 or RO = 1) Read Register Select (RRS) bit = 0 Read Register Select (RRS) bit = 1 00 all modes Mode register System Status register System Diagnosis register 01 Normal mode; Standby mode; Flash mode Interrupt Enable register Interrupt Enable Feedback register Interrupt register Start-up mode; Restart mode Special Mode register Interrupt Enable Feedback register Special Mode Feedback register 10 Normal mode; Standby mode System Configuration register System Configuration Feedback register General Purpose Feedback register 0 Start-up mode; Restart mode; Flash mode General Purpose register 0 System Configuration Feedback register General Purpose Feedback register 0 11 Normal mode; Standby mode Physical Layer Control register Physical Layer Control Feedback register General Purpose Feedback register 1 Start-up mode; Restart mode; Flash mode General Purpose register 1 Physical Layer Control Feedback register General Purpose Feedback register 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |