| Electronic Components Datasheet Search |
|
UJA1069TW Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1069TW Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 64 page ![]() UJA1069_2 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 02 — 5 March 2007 18 of 64 NXP Semiconductors UJA1069 LIN fail-safe system basis chip 6.6.4 Switched battery output V3 V3 is a high-side switched BAT42-related output which is used to drive external loads such as wake-up switches or relays. The features of V3 are as follows: • Three application controlled modes of operation; ON, OFF or Cyclic mode. • Two different cyclic modes allow the supply of external wake-up switches; these switches are powered intermittently, thus reducing the system’s power consumption in case a switch is continuously active; the wake-up input of the SBC is synchronized with the V3 cycle time. • The switch is protected against current overloads. If V3 is overloaded, pin V3 is automatically disabled. The corresponding Diagnosis register bit is reset and an interrupt is forced (if enabled). During Sleep mode, a wake-up is forced and the corresponding reset source code becomes available in the RSS bits of the System Status register. This signals that the wake-up source via V3 supplied wake-up switches has been lost. 6.7 LIN transceiver The integrated LIN transceiver of the UJA1069 is a LIN 2.0 compliant transceiver. The transceiver has the following features: • SAE J2602 compliant and compatible with LIN revision 1.3 • Fail-safe LIN termination to BAT42 via dedicated RTLIN pin • Enhanced error handling and reporting of bus and TXD failures; these failures are separately identified in the System Diagnosis register 6.7.1 Mode control The controller of the LIN transceiver provides two modes of operation: Active mode and Off-line mode; see Figure 9. In Off-line mode the transmitter and receiver do not consume current, but wake-up events will be recognized by the separate wake-up receiver. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |