Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL Datasheet(PDF) 6 Page - JST Mfg. Co., Ltd.

Part # PAL
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PAL Datasheet(HTML) 6 Page - JST Mfg. Co., Ltd.

Back Button PAL Datasheet HTML 2Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 3Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 4Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 5Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 6Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 7Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 8Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 9Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 10Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Q'ty /
box
Circuits
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
(Note1) PA 66, UL94V-0, vivid yellow
Without a boss
Model No.
Dimensions (mm)
2(Note1)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B02B-PAFYK-A
B02B-PASK
B03B-PASK
B04B-PASK
B05B-PASK
B06B-PASK
B07B-PASK
B08B-PASK
B09B-PASK
B10B-PASK
B11B-PASK
B12B-PASK
B13B-PASK
B14B-PASK
B15B-PASK
B16B-PASK
With a boss
B02B-PAFYK-1A
B02B-PASK-1
B03B-PASK-1
B04B-PASK-1
B05B-PASK-1
B06B-PASK-1
B07B-PASK-1
B08B-PASK-1
B09B-PASK-1
B10B-PASK-1
B11B-PASK-1
B12B-PASK-1
B13B-PASK-1
B14B-PASK-1
B15B-PASK-1
B16B-PASK-1
A
2.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
B
6.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
1,000
1,000
500
500
500
500
500
500
250
250
250
250
250
250
5.3
1.7
A
B
0.5
2
1.5
φ0.8
Circuit
No.1
A
B
0.5
2
5.3
1.5
1.7
φ0.8
Circuit
No.1
0.5
A
B
2
1.5
φ0.8
5.3
1.7
Circuit
No.1
Q'ty /
box
Circuits
Model No.
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
Dimensions (mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S02B-PASK-2
S03B-PASK-2
S04B-PASK-2
S05B-PASK-2
S06B-PASK-2
S07B-PASK-2
S08B-PASK-2
S09B-PASK-2
S10B-PASK-2
S11B-PASK-2
S12B-PASK-2
S13B-PASK-2
S14B-PASK-2
S15B-PASK-2
S16B-PASK-2
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
500
500
500
250
250
250
250
250
250
200
200
200
200
2
A
B
6.5
(3.4)
2
2
Circuit No.1
Circuit No.1
Circuit No.1
6.5
(3.4)
A
B
6.5
(3.4)
A
B
Top entry type
Side entry type
(2
to 9 circuits)
(10
to 15 circuits)
(16
circuits)
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-PASK-
S…natural (white)
K…black R…red E…blue M…green O…orange N…brown
P…purple PK…pink Y…yellow L…lemon yellow FY…vivid yellow
LE…light blue H…gray TR…tomato red
(2
to 9 circuits)
(10
to 15 circuits)
Side entry type
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S03B-PASK-2-
S…natural (white)
K…black R…red E…blue M…green O…orange N…brown
P…purple PK…pink Y…yellow L…lemon yellow LE…light blue
H…gray TR…tomato red
(16
circuits)
Through-hole type shrouded header
PA FAMILY SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com