Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL Datasheet(PDF) 8 Page - JST Mfg. Co., Ltd.

Part # PAL
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PAL Datasheet(HTML) 8 Page - JST Mfg. Co., Ltd.

Back Button PAL Datasheet HTML 4Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 5Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 6Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 7Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 8Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 9Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 10Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 11Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 12Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
A
B
A
B
Circuit No.1
A
B
5.3
7.1
5.3
7.1
5.3
7.1
2
2
Circuit No.1
Circuit No.1
Q'ty /
box
Circuits
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
Without a boss
Model No.
Dimensions(mm)
2
3
4
5
6
7
8
9
10
11
12
15
BH02B-PASK
BH03B-PASK
BH04B-PASK
BH05B-PASK
BH06B-PASK
BH07B-PASK
BH08B-PASK
BH09B-PASK
BH10B-PASK
BH11B-PASK
BH12B-PASK
BH15B-PASK
With a boss
BH02B-PASK-1
BH03B-PASK-1
BH04B-PASK-1
BH05B-PASK-1
BH06B-PASK-1
BH07B-PASK-1
BH08B-PASK-1
BH09B-PASK-1
BH10B-PASK-1
BH11B-PASK-1
BH12B-PASK-1
BH15B-PASK-1
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
28.0
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
32.0
900
675
525
450
375
325
300
250
225
225
200
150
A
B
A
B
A
B
5.3
7.1
5.3
7.1
5.3
7.1
2
2
2
Circuit No.1
Circuit No.1
Circuit No.1
(3
circuits)
(4
circuits)
(7 to 9
circuits)
(10 to 12, 15
circuits)
(2
circuits)
(5, 6
circuits)
RoHS compliance This product displays (LF)(SN) on a label.
Shrouded header <High box type>
PA FAMILY SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com