Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL Datasheet(PDF) 11 Page - JST Mfg. Co., Ltd.

Part # PAL
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PAL Datasheet(HTML) 11 Page - JST Mfg. Co., Ltd.

Back Button PAL Datasheet HTML 4Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 5Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 6Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 7Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 8Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 9Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 10Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 11Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 12Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Circuit No.1
2
2
8
13
A
B
Circuits
Model No.
Material and Finish
AB
Dimensions(mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
*16
02PAF-6S
03PAF-6S
04PAF-6S
05PAF-6S
06PAF-6S
07PAF-6S
08PAF-6S
09PAF-6S
10PAF-6S
11PAF-6S
12PAF-6S
13PAF-6S
14PAF-6S
15PAF-6S
16PAF-6S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
250
Contact: Phosphor bronze, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0, natural (white)
Q'ty /
box
4.1
8.9
Circuits
Model No.
Material
AB
Dimensions(mm)
2
3
4
5
6
7
8
* 9
*10
*11
*12
*13
*14
*15
PAFS-02V-S
PAFS-03V-S
PAFS-04V-S
PAFS-05V-S
PAFS-06V-S
PAFS-07V-S
PAFS-08V-S
PAFS-09V-S
PAFS-10V-S
PAFS-11V-S
PAFS-12V-S
PAFS-13V-S
PAFS-14V-S
PAFS-15V-S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
7.4
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Glass-filled PA 66, UL94V-0, natural (ivory)
Q'ty /
bag
PA FAMILY SERIES /PAF CONNECTOR (Insulation displacement type)
Receptacle
RoHS compliance
Note: *Marked product is not UL/CSA approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
02PAF-6S-
S…natural (white)
R…red E…blue M…green Y…yellow
RoHS compliance
Note: *Marked products are not UL/CSA approved.
Retainer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com