Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL Datasheet(PDF) 12 Page - JST Mfg. Co., Ltd.

Part # PAL
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PAL Datasheet(HTML) 12 Page - JST Mfg. Co., Ltd.

Back Button PAL Datasheet HTML 4Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 5Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 6Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 7Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 8Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 9Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 10Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 11Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 12Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
1.3
2.85
12.8
Model No.
mm2
AWG #
Applicable wire
Q'ty /
reel
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPAL-001T-P0.5
SPAL-002T-P0.5
1.0
∼1.5
0.9
∼1.5
10,000
10,000
0.13∼0.33
0.08∼0.21
26∼22
28∼24
6.3
A
3.7
B
3.4
4.7
2
Circuit No.1
6.3
4.4
A
3.7
B
3.4
2
Circuit No.1
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
AB
Dimensions(mm)
2
3
4
5
6
7
8
PALR-02VF
PALR-03VF
PALR-04VF
PALR-05VF
PALR-06VF
PALR-07VF
PALR-08VF
2.0
4.0
6.0
8.0
10.0
12.0
14.0
9.4
11.4
13.4
15.4
17.4
19.4
21.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
CD
AB
Dimensions(mm)
2
3
4
6
7
8
PALR-02V
PALR-03V
PALR-04V
PALR-06V
PALR-07V
PALR-08V
9.8
11.8
13.8
19.8
21.8
23.8
13.4
15.4
17.4
21.4
23.4
25.4
1,000
1,000
1,000
1,000
1,000
1,000
2.0
4.0
6.0
10.0
12.0
14.0
9.4
11.4
13.4
17.4
19.4
21.4
Contact
Crimping
machine
Crimp applicator with dies
Dies
Crimp applicator
Applicator
SPAL-001T-P0.5
AP-K2N
MKS-L
―
MK/SPAL-001-05
―
APLMK SPAL001-05
―
SPAL-002T-P0.5
MKS-L
―
MK/SPAL-002-05
―
APLMK SPAL002-05
―
Without panel locks
(2 to 5 circuits)
Retainers are interchangeable with those of the PA crimp style retainer mountable type.
(6 to 8 circuits)
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PALR-02V(F)-oo-
(blank)…natural (white)
R…red E…blue M…green Y…yellow
Contact
Housing
Retainer
RoHS compliance
RoHS compliance
PA FAMILY SERIES /PAL CONNECTOR (Wire-to-wire type)
6.3
1
A
3.7
B
3.2
3.4
3.25
2
Circuit No.1
6.3
A
3.7
B
3.2
3.4
4.4
5.15
1.6
2
Circuit No.1
C
+0.1
0
±0.1
D
C
+0.1
0
±0.1
D
With panel locks
(2 to 4 circuits)
(6 to 8 circuits)
Panel layout
Panel layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com