Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC34RF52 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC34RF52
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF52 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC34RF52 Datasheet HTML 35Page - Texas Instruments ADC34RF52 Datasheet HTML 36Page - Texas Instruments ADC34RF52 Datasheet HTML 37Page - Texas Instruments ADC34RF52 Datasheet HTML 38Page - Texas Instruments ADC34RF52 Datasheet HTML 39Page - Texas Instruments ADC34RF52 Datasheet HTML 40Page - Texas Instruments ADC34RF52 Datasheet HTML 41Page - Texas Instruments ADC34RF52 Datasheet HTML 42Page - Texas Instruments ADC34RF52 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
6.3.5.4 Numerically Controlled Oscillator (NCO)
Each digital down-converter (DDC) uses a 48-bit numerically controlled oscillator (NCO) to fine tune the
frequency placement prior to the digital filtering. Different NCO frequencies for each DDC are programmed using
SPI register writes and the desired NCO frequency can be selected using SPI or the GPIO pins. When using the
GPIO pins for NCO frequency control, frequency hopping can be achieved in less than 1 µs. The digital NCO is
designed to have a SFDR of at least 100 dB. The number of available, programmable NCO frequencies depends
on the number of DDC bands used as shown in Table 6-19.
ADC
N
I
Q
NCO
GPIO
or SPI
Freq f1
Freq fX
DDC
Figure 6-38. Phase Coherent NCO Block Diagram
Table 6-19. Available No. of Frequencies per NCO
depending on No. of DDCs used
No. of DDCs used
No. of Frequencies per NCO
1
4
2
4
There are two different NCO operating modes available. Phase continuous and infinite phase coherent.
1. Phase Continuous NCO: During a NCO frequency change, the NCO phase gradually adjusts to the new
frequency as shown in Figure 6-39. The dashed line shows the phase of original f1 frequency.
2. Infinite Phase Coherent NCO: With a phase coherent NCO, all frequencies are synchronized to a single
event using SYSREF. This enables an infinite amount of frequency hops without the need to reset the NCO
as phase coherency is maintained between frequency hops. This is illustrated in Figure 6-39 (right). When
returning to the original frequency f1, the NCO phase appears as if the NCO had never changed frequencies.
f1
f1
f2
f1
f1
f2
Figure 6-39. Phase Continuous (left) and Infinite Phase Coherent (right) NCO Frequency Switching
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com