Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC34RF52 Datasheet(PDF) 45 Page - Texas Instruments

Part # ADC34RF52
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF52 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC34RF52 Datasheet HTML 41Page - Texas Instruments ADC34RF52 Datasheet HTML 42Page - Texas Instruments ADC34RF52 Datasheet HTML 43Page - Texas Instruments ADC34RF52 Datasheet HTML 44Page - Texas Instruments ADC34RF52 Datasheet HTML 45Page - Texas Instruments ADC34RF52 Datasheet HTML 46Page - Texas Instruments ADC34RF52 Datasheet HTML 47Page - Texas Instruments ADC34RF52 Datasheet HTML 48Page - Texas Instruments ADC34RF52 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 105 page
background image
6.3.6.2 JESD204B Frame Assembly
The JESD204B standard defines the following parameters:
• L: number of lanes per link
• M: number of converters per device
• F: number of octets per frame clock period
• S: number of samples per frame
6.3.6.2.1 JESD204B Frame Assembly in Bypass Mode
Table 6-28 lists the available JESD204B formats and corresponding valid sampling rate ranges for the
ADC34RF5x. The sampling rates are limited by the minimum and maximum SERDES line rate as well as ADC
sampling clock frequencies. The JESD204B frame assembly for the different lanes is shown in Table 6-29.
Table 6-28. JESD Mode Options: Bypass Mode
DECIMATION
SETTING D
(complex)
OUTPUT
RESOLUTION
(Bits)
L
M
F
S
MIN FS
(Gsps)
MAX FS
(Gsps)
RATIO
[fSERDES/FS]
Bypass
12(1)
8
4
8
10
0.5
1.5
8
14
8
4
2
2
0.5
1.3
10
14
4
4
2
1
0.5
0.65
20
(1) In full rate output, the two LSBs are truncated to a 12-bit output.
Table 6-29. JESD Sample Frame Assembly: Bypass Mode
OUTPUT
LANE
LMFS = 84810
LMFS = 8422
LMFS = 4421
DOUT0
A0[11:4]
A0[3:0],
A1[11:8]
A1[7:0]
A2[11:4]
A2[3:0],
A3[11:8]
A3[7:0]
A4[11:4]
A4[3:0],
0000
A0[13:6]
A0[5:0],
00
A0[13:6]
A0[5:0],
00
DOUT1
A5[11:4]
A5[3:0],
A6[11:8]
A6[7:0]
A7[11:4]
A7[3:0],
A8[11:8]
A8[7:0]
A9[11:4]
A9[3:0],
0000
A1[13:6]
A1[5:0],
00
B0[13:6]
B0[5:0],
00
DOUT2
B0[11:4]
B0[3:0],
B1[11:8]
B1[7:0]
B2[11:4]
B2[3:0],
B3[11:8]
B3[7:0]
B4[11:4]
B4[3:0],
0000
B0[13:6]
B0[5:0],
00
C0[13:6]
C0[5:0],
00
DOUT3
B5[11:4]
B5[3:0],
B6[11:8]
B6[7:0]
B7[11:4]
B7[3:0],
B8[11:8]
B8[7:0]
B9[11:4]
B9[3:0],
0000
B1[13:6]
B1[5:0],
00
D0[13:6]
D0[5:0],
00
DOUT4
C0[11:4]
C0[3:0],
C1[11:8]
C1[7:0]
C2[11:4]
C2[3:0],
C3[11:8]
C3[7:0]
C4[11:4]
C4[3:0],
0000
C0[13:6]
C0[5:0],
00
DOUT5
C5[11:4]
C5[3:0],
C6[11:8]
C6[7:0]
C7[11:4]
C7[3:0],
C8[11:8]
C8[7:0]
C9[11:4]
C9[3:0],
0000
C1[13:6]
C1[5:0],
00
DOUT6
D0[11:4]
D0[3:0],
D1[11:8]
D1[7:0]
D2[11:4]
D2[3:0],
D3[11:8]
D3[7:0]
D4[11:4]
D4[3:0],
0000
D0[13:6]
D0[5:0],
00
DOUT7
D5[11:4]
D5[3:0],
D6[11:8]
D6[7:0]
D7[11:4]
D7[3:0],
D8[11:8]
D8[7:0]
D9[11:4]
D9[3:0],
0000
D1[13:6]
D1[5:0],
00
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com