Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC34RF52 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC34RF52
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF52 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC34RF52 Datasheet HTML 19Page - Texas Instruments ADC34RF52 Datasheet HTML 20Page - Texas Instruments ADC34RF52 Datasheet HTML 21Page - Texas Instruments ADC34RF52 Datasheet HTML 22Page - Texas Instruments ADC34RF52 Datasheet HTML 23Page - Texas Instruments ADC34RF52 Datasheet HTML 24Page - Texas Instruments ADC34RF52 Datasheet HTML 25Page - Texas Instruments ADC34RF52 Datasheet HTML 26Page - Texas Instruments ADC34RF52 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
6.3 Feature Description
6.3.1 Analog Inputs
The ADC34RF55 provides up to two internal ADCs per channel for purpose of averaging to improve the noise
performance. Two ADCs internally are connected to the same differential input pins as shown in the equivalent
input schematic (see Figure 6-1). The analog inputs have a differential 100 Ω split termination with internal
biasing. When only a single ADC is used, there is a minor parasitic capacitance remaining from the unused
ADC.
2
0.2 pF
GND
1 nH
xINP/
xINM
0.4 pF
GND
Sampling Switch
50
0.6 nH
7
11
1.4 pF
GND
0.7 pF
GND
0.4 pF
GND
7
11
1.4 pF
GND
0.7 pF
GND
ADCx
ADCy
VCM
GND
AVDD12
Figure 6-1. Equivalent input schematic
6.3.1.1 Input Bandwidth and Full-Scale
The input bandwidth (-3 dB) and input fullscale are dependent on what input termination and averaging mode
are chosen as shown in the summary in Table 6-1. The bandwidth can be increased by changing the input
termination to 50 Ω differential.
Table 6-1. Digital averaging vs Full Power Input Bandwidth (–3 dB)
No. of ADCs
averaged
ADC inputs used for
averaging
Input Bandwidth (-3 dB)
Selected differential input
termination
Input Full-scale
Default
INx1
2.75 GHz
100 Ω
+ 2 dBm
2
INx1
2.75 GHz
100 Ω
+ 3.5 dBm
The full power input bandwidth plots with input RESET switch disabled (RSW0) and enabled (RSW1) are shown
in Figure 6-2.
Input Frequency (MHz)
100
1000
4000
4000
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
RSW1, 1x AVG
RSW1, 2x AVG
RSW0, 1x AVG
RSW0, 2x AVG
Figure 6-2. Input Bandwidth - Reset switch DIS
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com