Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC34RF52 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC34RF52
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF52 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC34RF52 Datasheet HTML 9Page - Texas Instruments ADC34RF52 Datasheet HTML 10Page - Texas Instruments ADC34RF52 Datasheet HTML 11Page - Texas Instruments ADC34RF52 Datasheet HTML 12Page - Texas Instruments ADC34RF52 Datasheet HTML 13Page - Texas Instruments ADC34RF52 Datasheet HTML 14Page - Texas Instruments ADC34RF52 Datasheet HTML 15Page - Texas Instruments ADC34RF52 Datasheet HTML 16Page - Texas Instruments ADC34RF52 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
5.9 Timing Requirements (continued)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 2.6 GSPS, 8x complex decimation single band, 50% clock
duty cycle, AVDD18 = 1.8 V, AVDD12, AVDDCLK, DVDD = 1.2 V and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK(SCLK) Serial clock frequency
1
20
MHz
tSU(SEN)
SEN to rising edge of SCLK
10
ns
tH(SEN)
SEN from rising edge of SCLK
10
ns
tSU(SDIO)
SDIO to rising edge of SCLK
10
ns
tH(SDIO)
SDIO from rising edge of SCLK
10
ns
SERIAL PROGRAMMING INTERFACE (SDIO) - Output
t(OZD)
SDIO tri-state to driven
10
ns
t(ODZ)
SDIO data to tri-state
14
ns
t(OD)
SDIO valid from falling edge of SCLK
10
ns
TIMING: SYSREFP/M
ts(SYSREF)
Setup time, SYSREFP/M valid to rising edge
of CLKP/M
50
ps
th(SYSREF)
Hold time, SYSREFP/M valid to rising edge
of CLKP/M
50
ps
CML SERDES OUTPUTS: DA[0,1]P/M, DB[0,1]P/M, DC[0,1]P/M, DD[0,1]P/M
fSerdes
Serdes bit rate
0.5
12.8
13.0
Gbps
RJ
Random jitter
RPAT, 12.8 Gbps
0.6
ps
DJ
Deterministic jitter
RPAT, 12.8 Gbps
14.7
ps
TJ
Total jitter, peak-peak
RPAT, 12.8 Gbps
24
ps
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com