Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP720 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LP720
Description  Automatic fire detectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LP720 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LP720 Datasheet HTML 1Page - Siemens Semiconductor Group LP720 Datasheet HTML 2Page - Siemens Semiconductor Group LP720 Datasheet HTML 3Page - Siemens Semiconductor Group LP720 Datasheet HTML 4Page - Siemens Semiconductor Group LP720 Datasheet HTML 5Page - Siemens Semiconductor Group LP720 Datasheet HTML 6Page - Siemens Semiconductor Group LP720 Datasheet HTML 7Page - Siemens Semiconductor Group LP720 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Siemens Building Technologies
Fire & Security Products
Detector base DB720
Function
–
Universal base for all point detectors of the series Cerberus PRO FD720
Application
–
for recess supply wiring
–
for surface supply wiring, cable diameter up to 8 mm
Installation
Simple installation
– Universal base with
– 2 break outs on the side for surface supply wiring at max. Ø8 mm
– extra large rear opening for easy recess supply wiring
– extra-large mounting slots facilitate a re-use of existing drill holes resulting from other
systems
– connecting terminals for cable diameter at 1.6 mm2
– place for auxiliary terminals 2x DBZ1190-AA and 2x DBZ1190-AB
– detector can be easily turned into the base by hand, or with the detector exchanger
DX791
Place for auxiliary
terminals DBZ1190-
AA, DBZ1190-AB
Connecting terminals
detector line and ext. AI Opening for cable entry AI
Connecting terminals detector
line and ext. AI
Mounting slots min. 40 mm up to max. 90 mm
– alarm indicator (AI) centered in the detector; no alignment required



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com