Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP720 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LP720
Description  Automatic fire detectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LP720 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LP720 Datasheet HTML 1Page - Siemens Semiconductor Group LP720 Datasheet HTML 2Page - Siemens Semiconductor Group LP720 Datasheet HTML 3Page - Siemens Semiconductor Group LP720 Datasheet HTML 4Page - Siemens Semiconductor Group LP720 Datasheet HTML 5Page - Siemens Semiconductor Group LP720 Datasheet HTML 6Page - Siemens Semiconductor Group LP720 Datasheet HTML 7Page - Siemens Semiconductor Group LP720 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Siemens Building Technologies
Fire & Security Products
DBZ1190-AA Micro terminal, DBZ1190-AB Connection terminal
–
for conductors of max. 0.5 mm2
–
for conductors of max. 2.5 mm2
–
support point for T-branching connection, extern alarm indicators (AI) or cable
shielding
–
place for max. 2 additional terminals each
DBS720 Sounder base
–
the addressable sounder base is used for acoustic alarming
–
applicable with all point detectors of the series Cerberus PRO FD720
Description see data sheet A6V10203095
Dimensions of detector with base
OH720
OP720
HI720/722
ø117
59
ø117
56
ø117
59



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com