Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP720 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # LP720
Description  Automatic fire detectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LP720 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  LP720 Datasheet HTML 1Page - Siemens Semiconductor Group LP720 Datasheet HTML 2Page - Siemens Semiconductor Group LP720 Datasheet HTML 3Page - Siemens Semiconductor Group LP720 Datasheet HTML 4Page - Siemens Semiconductor Group LP720 Datasheet HTML 5Page - Siemens Semiconductor Group LP720 Datasheet HTML 6Page - Siemens Semiconductor Group LP720 Datasheet HTML 7Page - Siemens Semiconductor Group LP720 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Siemens Switzerland Ltd
Industry Sector
Building Technologies Division
International Headquarters
Fire Safety & Security Products
Gubelstrasse 22
CH-6301 Zug
Tel. +41 41 724 24 24
www.siemens.com/buildingtechnologies
© 2009 Copyright by
Siemens Switzerland Ltd
Data and design subject to change without notice.
Supply subject to availability.
Document no.
A6V10202198_b_en_--
Manual FD720
Edition
06.2009
Section 2
Details for ordering
Type
Part no
Designation
Weight
OH720
S54310-F2-A1
Multi-sensor smoke detector
0.144 kg
OP720
S54310-F1-A1
Smoke detector
0.138 kg
HI720
S54310-F4-A1
Heat detector (static + RoR)
0.130 kg
HI722
S54310-F3-A1
Heat detector (static)
0.130 kg
DB720
S54319-F4-A1
Detector base
0.052 kg
Accessories
LP720
S54319-F9-A1
Detector locking device (2 hexagonal
key, 100 hexagonal socket pins)
0.040 kg
FDBZ291
A5Q00002621
Designation plate (10x)
0.034 kg
RS720
S54319-F8-A1
Detector base seal (10x)
0.014 kg
DBZ1190-AA
BPZ:4677080001
Micro terminal 0.28... 0.5 mm2
0.001 kg
DBZ1190-AB
BPZ:4942340001
Connection terminal 1.0... 2.5 mm2
0.007 kg
Details see equipment overview A6V10225323



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com