Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP720 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LP720
Description  Automatic fire detectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LP720 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LP720 Datasheet HTML 1Page - Siemens Semiconductor Group LP720 Datasheet HTML 2Page - Siemens Semiconductor Group LP720 Datasheet HTML 3Page - Siemens Semiconductor Group LP720 Datasheet HTML 4Page - Siemens Semiconductor Group LP720 Datasheet HTML 5Page - Siemens Semiconductor Group LP720 Datasheet HTML 6Page - Siemens Semiconductor Group LP720 Datasheet HTML 7Page - Siemens Semiconductor Group LP720 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Building Technologies
Fire Safety & Security Products
Characteristics
Environmental
– ecologically processing
– recyclable materials
– electronic and synthetic material simply separable
Characteristics
– resistant to environment and interference factors such as dust, fibers, insects, humid-
ity, extreme temperatures, electro-magnetic interference, corrosive vapors, vibration
– insensitive to impact, tamper protection
– protected electronics, high-quality components
– integrated short-circuit isolator, which locate the defective part on the detector bus of
the control unit and insulates between 2 detectors
– built-in alarm indicator (AI), visible at 360°
– up to 2 external alarm indicators of type DJ1191/DJ1192 connectable per detector
– signal processing with detection algorithms
– automatic address allocation during commissioning
– the same detector base type can be used for each detector type, for surface and re-
cess supply wiring
Optional accessories
– Detector locking device LP720 as protection against theft
– Designation plate FDBZ291
– Detector base seal RS720 for higher protection category
– Micro terminal DBZ1190-AA (0.28… 0.5 mm2)
– Connection terminal DBZ1190-AB (1.0… 2.5 mm2)
– Sounder base DBS720
OH720 Multi-sensor smoke detector
Multi-sensor smoke detector consist of:
–
Detector
–
Dust cap to cover the detector for protection against dust during construction work
Function
–
works according to the scattered light principle with one sensor, optical forward
scattering
–
Opto-electronic sampling chamber holds off disturbing extraneous light but opti-
mally detects smoke particles
–
an additional heat sensor increases the fire detector’s immunity to deceptive phe-
nomena
–
selectable detection behavior by different parameter sets
–
immunity against transient false alarm causes
Application
–
for the detection of flaming fires caused by the combustion of liquid and solid mat-
ters, as well as smoldering fires
–
for reliable fire detection in environments with deceptive phenomena



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com