Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP245P Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 14 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6.5
Transformer Construction
Bobbin Preparation
Pull Pins 2, 3 & 4 on bobbin to provide polarization. Place the bobbin with
pins oriented on the right hand side.
Margin
Apply 6 mm wide margin tape on both sides of the bobbin. Match height
of primary windings.
WGD1: Shield
Start at Pin 1. Wind 16 bifilar turns of 30 AWG wire in 1 layer. Cut end
leads floating.
Basic Insulation
Use two layers of 10.5 mm tape for basic insulation.
WGD2: Primary
(1
st -layer)
Start at Pin 5. Wind 30 turns of 29 AWG wire for the 1
st layer.
Basic Insulation
Put one layer of 10.5 mm tape for basic insulation
WGD2: Primary
(2
nd -layer)
Continue winding 26 turns for the 2
ndlayer. Finish on Pin 1.
Basic Insulation
Put two layers of 10.5 mm tape for basic insulation
WGD3: Bias
Start at Pin 6. Wind 8 quadfilar turns of 30 AWG wire in 1 layer. Finish
on Pin 7.
Reinforced
Insulation
Put 4 layers of 22 mm tape for reinforced insulation
Margin
Apply 6 mm wide margin tape on both sides of the bobbin. Match height
of secondary windings.
WGD4: Bias
Start at Pin 16 temporarily. Wind 9 quadfilar turns of 29 AWG wire in 1
layer. Finish on Pin 13. Cut start-leads floating.
Basic Insulation
Put one layer of 10.5mm tape for basic insulation
WGD5/6: 3V/5V
Use prepared cu foil shown in Figure 7. Start at pin 14, wind 1 turn,
terminate at pin 12,continue to wind two turns. Finish at pin 13. Secure
end with 10.5 mm tape.
WGD7: 12V
Start at Pin 15. Wind 4 turns of 26 AWG wire in 1 layer. Spread evenly
across the bobbin. Finish on Pin 14.
WGD8: 33V
Start at Pin 16. Wind 11 turns of 33 AWG wire in 1 layer. Spread evenly
across the bobbin. Finish on Pin 15.
Basic Insulation
Put one layer of 10.5 mm tape for basic insulation
WGD9: - 5V
Start at Pin 13. Wind 3 turns of 26 AWG wire in 1 layer. Spread evenly
across the bobbin. Finish on Pin 11.
WGD10: - 22V
Start at Pin 11. Wind 9 turns of 33 AWG wire in 1 layer. Spread evenly
across the bobbin. Finish on Pin 10.
WGD11: 3V VFD
Start at Pin 8. Wind 2 turns of 33 AWG wire in 1 layer. Spread evenly
across the bobbin. Finish on Pin 9.
Outer Wrap
Wrap windings with 2 layers of 22 mm tape
Core Preparation
Glue core halves together.
Final Assembly
Varnish impregnate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com