Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP245P Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 16 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
ENTER TRANSFORMER
CORE/CONSTRUCTION
VARIABLES
Core Type
EER2
8L
Core
EER28
L
P/N:
PC40EER28L-Z
Bobbin
EER28
L_BOB
BIN
P/N:
BEER-28L-1112CPH
AE
0.814 cm^2
Core Effective Cross Sectional Area
LE
7.55 cm
Core Effective Path Length
AL
2520 nH/T^2 Ungapped Core Effective Inductance
BW
21.5
21.5 mm
Bobbin Physical Winding Width
M
6
mm
Safety Margin Width (Half the Primary
to Secondary Creepage Distance)
L
2.1
Number of Primary Layers
NS
3
Number of Secondary Turns
DC INPUT VOLTAGE
PARAMETERS
VMIN
75 Volts
Minimum DC Input Voltage
VMAX
396 Volts
Maximum DC Input Voltage
CURRENT WAVEFORM SHAPE
PARAMETERS
DMAX
0.61
Maximum Duty Cycle
IAVG
0.45 Amps
Average Primary Current
IP
0.97 Amps
Peak Primary Current
IR
0.48 Amps
Primary Ripple Current
IRMS
0.58 Amps
Primary RMS Current
TRANSFORMER PRIMARY
DESIGN PARAMETERS
LP
717 uHenri
es
Primary Inductance
NP
56
Primary Winding Number of Turns
NB
9
Bias Winding Number of Turns
ALG
227 nH/T^2 Gapped Core Effective Inductance
BM
1518 Gauss Maximum Flux Density at PO, VMIN
(BM<3000)
BP
1846 Gauss Peak Flux Density (BP<4200)
BAC
380 Gauss AC Flux Density for Core Loss Curves
(0.5 X Peak to Peak)
ur
1860
Relative Permeability of Ungapped
Core
LG
0.41 mm
Gap Length (Lg > 0.1 mm)
BWE
19.95 mm
Effective Bobbin Width
OD
0.36 mm
Maximum Primary Wire Diameter
including insulation
INS
0.06 mm
Estimated Total Insulation Thickness (=
2 * film thickness)
DIA
0.30 mm
Bare conductor diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com