Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP245P Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. TOP245P Datasheet HTML 22Page - Power Integrations, Inc. TOP245P Datasheet HTML 23Page - Power Integrations, Inc. TOP245P Datasheet HTML 24Page - Power Integrations, Inc. TOP245P Datasheet HTML 25Page - Power Integrations, Inc. TOP245P Datasheet HTML 26Page - Power Integrations, Inc. TOP245P Datasheet HTML 27Page - Power Integrations, Inc. TOP245P Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 24 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10 Waveforms
10.1 Drain Voltage and Current, Normal Operation
Figure 10 - 115 VAC, Nominal Load.
Upper: VDRAIN, 200 V, 2
µs / div
Lower: IDRAIN, 0.5 A / div
Figure 10a - 230 VAC, Nominal Load
Upper: VDRAIN, 200 V / div,2
µs / div
Lower: IDRAIN, 0.5 A / div
10.2 Drain Voltage and Current Start-up Profile
Figure 11 - 90 VAC Input and Maximum Load. Upper:
IDRAIN, VDRAIN, 100 V & 5 ms / div.
Lower: 1A / div.
Figure 12 - 265 VAC Input and Maximum Load.
Upper: VDRAIN, 200 V & 5 ms / div.
Lower: IDRAIN, 1 A / div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com