Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP245P Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 15 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
7
Transformer Spreadsheets
ACDC_TOPGX_Rev1.5_081203
Copyright Power Integrations Inc. 2003
INPUT INFO OUTP
UT
UNIT
TOP_GX_081203.xls: TOPSwitch-GX
Continuous/Discontinuous Flyback
Transformer Design Spreadsheet
ENTER APPLICATION
VARIABLES
Customer
VACMIN
90
Volts
Minimum AC Input Voltage
VACMAX
280
Volts
Maximum AC Input Voltage
fL
50
Hertz
AC Mains Frequency
VO
5
Volts
Output Voltage
PO
25
Watts
n
0.75
Efficiency Estimate
Z
0.75
Loss Allocation Factor
VB
15
Volts
Bias Voltage
tC
3
mSeco
nds
Bridge Rectifier Conduction Time
Estimate
CIN
44
uFarad
s
Input Filter Capacitor
ENTER TOPSWITCH-GX
VARIABLES
TOP-GX
TOP2
45P
Univer
sal
115 Doubled/230V
Chosen Device
TOP24
5P
Power
Out
22W
30W
KI
1
External Ilimit reduction factor (KI=1.0
for default ILIMIT, KI <1.0 for lower
ILIMIT)
ILIMITMIN
1.023 Amps
Use 1% resistor in setting external
ILIMIT
ILIMITMAX
1.177 Amps
Use 1% resistor in setting external
ILIMIT
Frequency - (F)=132kHz,
(H)=66kHz
F
Full (F) frequency option - 132kHz
fS
13200
0
13200
0
Hertz
TOPSwitch-GX Switching Frequency:
Choose between 132 kHz and 66 kHz
fSmin
12400
0
Hertz
TOPSwitch-GX Minimum Switching
Frequency
fSmax
14000
0
Hertz
TOPSwitch-GX Maximum Switching
Frequency
VOR
103
Volts
Reflected Output Voltage
VDS
10
Volts
TOPSwitch on-state Drain to Source
Voltage
VD
0.5
Volts
Output Winding Diode Forward Voltage
Drop
VDB
0.7
Volts
Bias Winding Diode Forward Voltage
Drop
KP
0.50
Ripple to Peak Current Ratio (0.4 <
KRP < 1.0 : 1.0< KDP<6.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com