Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E22 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB2E22 Datasheet HTML 1Page - Texas Instruments TUSB2E22 Datasheet HTML 2Page - Texas Instruments TUSB2E22 Datasheet HTML 3Page - Texas Instruments TUSB2E22 Datasheet HTML 4Page - Texas Instruments TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Pin Configuration and Functions
eDP1
VDD3V3
VDD1V8
VDD1V8
DPA
eDN1
VSS
eDN0
eDP0
CROSS
VDD3V3
RSVD1
EQ0
EQ1
VSS
VSS
RSVD2
RESETB
VDD1V8
VSS
RSVD3
DPB
DNB
VSS
DNA
1
2
3
4
5
A
B
C
D
E
Figure 5-1. YCG Package, 25-Pin DSBGA (Top View)
Legend
3.3 V Rails
1.8 V Rails
eUSB2 Data Signals
USB2 Data Signals
GPIO Digital Input or Output
Table 5-1. Pin Functions
PIN
TYPE
RESET
STATE
ASSOCIATED
ESD SUPPLY
DESCRIPTION
NO.
NAME
B2, D2
VDD3V3
PWR
N/A
N/A
3.3 V Supply Voltage
C3, B4, D4
VDD1V8
PWR
N/A
N/A
1.8 V Analog Supply Voltage
C1, C4, B3,
D3, C5
VSS
GND
N/A
N/A
GND
E4
RESETB
Digital Input
N/A
VDD1V8
Active Low Reset. Upon de-assertion of RESETB both repeaters will be
enabled and be in eUSB2 default mode awaiting configuration from eDSPr or
eUSPr.
C2
CROSS
Digital Input
N/A
VDD3V3
Indicates mux orientation. Used to specify orientation of internal Crossbar
switch
CROSS = Low: eUSB0 «–» USBA and eUSB1 «–» USBB
CROSS = High: eUSB0 «–» USBB and eUSB1«–» USBA
Sampled at de-assertion of RESETB
A2
RSVD1
Digital I/O
Hi-Z
VDD3V3
Reserved pins connect 1 kΩ pull up to 1.8 V
A3
RSVD2
Digital I/O
Hi-Z
VDD3V3
Reserved pins connect 1 kΩ pull up to 1.8 V
A4
RSVD3
Digital
Output
Hi-Z
VDD3V3
Reserved pin leave it unconnected
www.ti.com
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB2E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com