Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 4 Page - Intersil Corporation

  HA5022IP Datasheet HTML 1Page - Intersil Corporation HA5022IP Datasheet HTML 2Page - Intersil Corporation HA5022IP Datasheet HTML 3Page - Intersil Corporation HA5022IP Datasheet HTML 4Page - Intersil Corporation HA5022IP Datasheet HTML 5Page - Intersil Corporation HA5022IP Datasheet HTML 6Page - Intersil Corporation HA5022IP Datasheet HTML 7Page - Intersil Corporation HA5022IP Datasheet HTML 8Page - Intersil Corporation HA5022IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
AC CHARACTERISTICS (AV = +2, RF = 681Ω)
Slew Rate
Note 8
B
25
-
475
-
V/
µs
Full Power Bandwidth
Note 9
B
25
-
26
-
MHz
Rise Time
Note 10
B
25
-
6
-
ns
Fall Time
Note 10
B
25
-
6
-
ns
Propagation Delay
Note 10
B
25
-
6
-
ns
Overshoot
B
25
-
12
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
95
-
MHz
Settling Time to 1%
2V Output Step
B
25
-
50
-
ns
Settling Time to 0.25%
2V Output Step
B
25
-
100
-
ns
Gain Flatness
5MHz
B
25
-
0.02
-
dB
20MHz
B
25
-
0.07
-
dB
AC CHARACTERISTICS (AV = +10, RF = 383Ω)
Slew Rate
Note 8
B
25
350
475
-
V/
µs
Full Power Bandwidth
Note 9
B
25
28
38
-
MHz
Rise Time
Note 10
B
25
-
8
-
ns
Fall Time
Note 10
B
25
-
9
-
ns
Propagation Delay
Note 10
B
25
-
9
-
ns
Overshoot
B
25
-
1.8
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
65
-
MHz
Settling Time to 1%
2V Output Step
B
25
-
75
-
ns
Settling Time to 0.1%
2V Output Step
B
25
-
130
-
ns
VIDEO CHARACTERISTICS
Differential Gain (Note 15)
RL = 150Ω
B25
-
0.03
-
%
Differential Phase (Note 15)
RL = 150Ω
B
25
-
0.03
-
Degrees
NOTES:
5. VCM = ±2.5V. At -40
oC Product is tested at V
CM = ±2.25V because short test duration does not allow self heating.
6. RL = 100Ω, VIN = 2.5V. This is the minimum current which must be pulled out of the Disable pin in order to disable the output. The output is
considered disabled when -10mV
≤ VOUT ≤ +10mV.
7. VIN = 0V. This is the maximum current that can be pulled out of the Disable pin with the HA5022 remaining enabled. The HA5022 is
considered disabled when the supply current has decreased by at least 0.5mA.
8. VOUT switches from -2V to +2V, or from +2V to -2V. Specification is from the 25% to 75% points.
9.
.
10. RL = 100Ω, VOUT = 1V. Measured from 10% to 90% points for rise/fall times; from 50% points of input and output for propagation delay.
11. A. Production Tested; B. Typical or Guaranteed Limit based on characterization; C. Design Typical for information only.
12. VIN = +2V, DISABLE = +5V to 0V. Measured from the 50% point of DISABLE to VOUT = 0V.
13. VIN = +2V, DISABLE = 0V to +5V. Measured from the 50% point of DISABLE to VOUT = 2V.
14. VIN = 0V, Force VOUT from 0V to ±2.5V, tR = tF = 50ns, DISABLE = 0V.
15. Measured with a VM700A video tester using an NTC-7 composite VITS.
16. VOUT = ±2.5V. At -40
oC Product is tested at V
OUT = ±2.25V because short test duration does not allow self heating.
Electrical Specifications
VSUPPLY = ±5V, RF = 1kΩ, AV = +1, RL = 400Ω, CL ≤ 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
(NOTE 11)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
FPBW
Slew Rate
2
πV
PEAK
----------------------------- ;V
PEAK
2V
==
HA5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com