Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 14 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HA5022IP Datasheet HTML 9Page - Intersil Corporation HA5022IP Datasheet HTML 10Page - Intersil Corporation HA5022IP Datasheet HTML 11Page - Intersil Corporation HA5022IP Datasheet HTML 12Page - Intersil Corporation HA5022IP Datasheet HTML 13Page - Intersil Corporation HA5022IP Datasheet HTML 14Page - Intersil Corporation HA5022IP Datasheet HTML 15Page - Intersil Corporation HA5022IP Datasheet HTML 16Page - Intersil Corporation HA5022IP Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
FIGURE 33. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 34. REJECTION RATIO vs TEMPERATURE
FIGURE 35. SUPPLY CURRENT vs DISABLE INPUT VOLTAGE
FIGURE 36. OUTPUT SWING vs TEMPERATURE
FIGURE 37. OUTPUT SWING vs LOAD RESISTANCE
FIGURE 38. INPUT OFFSET VOLTAGE CHANGE BETWEEN
CHANNELS vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC, Unless Otherwise Specified (Continued)
3
4
5
6
7
8
9
10
11
12
13
14
15
25
20
15
10
5
SUPPLY VOLTAGE (
±V)
125oC
55oC
25oC
58
60
62
64
66
68
70
72
74
-100
-50
0
50
100
150
+PSRR
-PSRR
CMRR
200
250
TEMPERATURE (oC)
1
02
3
4
5
6
7
8
9
10 11
12 13 14 15
DISABLE INPUT VOLTAGE (V)
40
30
20
10
0
+5V
+10V
+15V
4.0
3.8
3.6
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
0.01
0.10
1.00
10.00
30
20
10
0
LOAD RESISTANCE (k
Ω)
VS = ±15V
VS = ±10V
VS = ±4.5V
-60
-40
-20
0
40
60
80
100
120
140
20
1.2
1.1
1.0
0.9
0.8
TEMPERATURE (oC)
HA5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com