Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 15 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 15 Page - Intersil Corporation

Back Button HA5022IP Datasheet HTML 9Page - Intersil Corporation HA5022IP Datasheet HTML 10Page - Intersil Corporation HA5022IP Datasheet HTML 11Page - Intersil Corporation HA5022IP Datasheet HTML 12Page - Intersil Corporation HA5022IP Datasheet HTML 13Page - Intersil Corporation HA5022IP Datasheet HTML 14Page - Intersil Corporation HA5022IP Datasheet HTML 15Page - Intersil Corporation HA5022IP Datasheet HTML 16Page - Intersil Corporation HA5022IP Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
FIGURE 39. INPUT BIAS CURRENT CHANGE BETWEEN
CHANNELS vs TEMPERATURE
FIGURE 40. DISABLE SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 41. CHANNEL SEPARATION vs FREQUENCY
FIGURE 42. ENABLE/DISABLE TIME vs OUTPUT VOLTAGE
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC, Unless Otherwise Specified (Continued)
-60
-40
-20
1.5
1.0
0.5
0.0
TEMPERATURE (oC)
40
60
80
100
120
140
20
0
3
456
7
8
9
10
11
12
13
14
15
30
25
20
15
10
5
SUPPLY VOLTAGE (
±V)
-55oC
25oC
125oC
-30
-40
-50
-60
-70
-80
0.1
1
10
30
FREQUENCY (MHz)
AV = +1
VOUT = 2VP-P
DISABLE
ENABLE
ENABLE
DISABLE
20
18
16
14
12
10
8
6
4
2
0
OUTPUT VOLTAGE (V)
-2.5 -2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
32
30
28
26
24
22
20
18
16
14
12
HA5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com