Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 12 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HA5022IP Datasheet HTML 8Page - Intersil Corporation HA5022IP Datasheet HTML 9Page - Intersil Corporation HA5022IP Datasheet HTML 10Page - Intersil Corporation HA5022IP Datasheet HTML 11Page - Intersil Corporation HA5022IP Datasheet HTML 12Page - Intersil Corporation HA5022IP Datasheet HTML 13Page - Intersil Corporation HA5022IP Datasheet HTML 14Page - Intersil Corporation HA5022IP Datasheet HTML 15Page - Intersil Corporation HA5022IP Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
FIGURE 23. PROPAGATION DELAY vs TEMPERATURE
FIGURE 24. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 25. SLEW RATE vs TEMPERATURE
FIGURE 26. NON-INVERTING GAIN FLATNESS vs
FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC, Unless Otherwise Specified (Continued)
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
8.0
7.5
7.0
6.5
6.0
RL = 100Ω
VOUT = 1.0VP-P
AV = +1
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
3
5
7
9
11
13
15
RLOAD = 100Ω
VOUT = 1.0VP-P
AV = +10, RF = 383Ω
AV = +2, RF = 681Ω
AV = +1, RF =1kΩ
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
500
450
400
350
300
250
200
150
100
VOUT = 2VP-P
+ SLEW RATE
- SLEW RATE
FREQUENCY (MHz)
510
15
20
25
30
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VOUT = 0.2VP-P
CL = 10pF
AV= +2, RF = 681Ω
AV= +5, RF = 1kΩ
AV = +1, RF = 1kΩ
AV = +10, RF = 383Ω
HA5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com