Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640GBC9WSI Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29BDS640GBC9WSI
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GBC9WSI Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29BDS640GBC9WSI Datasheet HTML 29Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 30Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 31Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 32Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 33Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 34Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 35Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 36Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
31
Data
Sheet
Reset Command
Writing the reset command resets the banks to the read or erase-suspend-read
mode. Address bits are don’t cares for this command.
The reset command may be written between the sequence cycles in an erase
command sequence before erasing begins. This resets the bank to which the sys-
tem was writing to the read mode. Once erasure begins, however, the device
ignores reset commands until the operation is complete.
The reset command may be written between the sequence cycles in a program
command sequence before programming begins (prior to the third cycle). This re-
sets the bank to which the system was writing to the read mode. If the program
command sequence is written to a bank that is in the Erase Suspend mode, writ-
ing the reset command returns that bank to the erase-suspend-read mode. Once
programming begins, however, the device ignores reset commands until the op-
eration is complete.
The reset command may be written between the sequence cycles in an autoselect
command sequence. Once in the autoselect mode, the reset command must be
written to return to the read mode. If a bank entered the autoselect mode while
in the Erase Suspend mode, writing the reset command returns that bank to the
erase-suspend-read mode.
If DQ5 goes high during a program or erase operation, writing the reset command
returns the banks to the read mode (or erase-suspend-read mode if that bank
was in Erase Suspend).
The reset command is used to exit the sector lock/unlock sequence. This com-
mand is required before reading from the bank selected for sector lock/unlock
operations.
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manu-
facturer and device codes, and determine whether or not a sector is protected.
Table 13, “Command Definitions,” on page 37 shows the address and data re-
quirements. The autoselect command sequence may be written to an address
within a bank that is either in the read or erase-suspend-read mode. The autose-
lect command may not be written while the device is actively programming or
erasing in the other bank.
The autoselect command sequence is initiated by first writing two unlock cycles.
This is followed by a third write cycle that contains the bank address and the au-
toselect command. The bank then enters the autoselect mode. No subsequent
data will be made available if the autoselect data is read in synchronous mode.
The system may read at any address within the same bank any number of times
without initiating another autoselect command sequence. The following table de-
scribes the address requirements for the various autoselect functions, and the
resulting data. BA represents the bank address, and SA represents the sector ad-
dress. The device ID is read in three cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com