Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640GBC9WSI Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29BDS640GBC9WSI
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GBC9WSI Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29BDS640GBC9WSI Datasheet HTML 8Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 9Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 10Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 11Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 13Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 14Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 15Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
10
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
Input/Output Descriptions
A21-A0
=
Address inputs
DQ15-DQ0
=
Data input/output
CE#
=
Chip Enable input. Asynchronous relative to CLK for
the Burst mode.
OE#
=
Output Enable input. Asynchronous relative to CLK
for the Burst mode.
WE#
=
Write Enable input.
VCC
=
Device Power Supply
(1.65 – 1.95 V).
VIO
=
Input & Output Buffer Power Supply (either 1.65 –
1.95 V or 2.7 – 3.15 V).
VSS
=Ground
VSSIO
=
Output Buffer Ground
NC
=
No Connect; not connected internally
RDY
=
Ready output; indicates the status of the Burst read.
Low = data not valid at expected time. High = data
valid.
CLK
=
CLK is not required in asynchronous mode. In burst
mode, after the initial word is output, subsequent
active edges of CLK increment the internal address
counter.
AVD#
=
Address Valid input. Indicates to device that the valid
address is present on the address inputs (A21–A0).
Low = for asynchronous mode, indicates valid
address; for burst mode, causes starting address to
be latched.
High = device ignores address inputs
RESET#
=
Hardware reset input. Low = device resets and
returns to reading array data
WP#
=
Hardware write protect input. At VIL, disables
program and erase functions in the two outermost
sectors. Should be at VIH for all other conditions.
ACC
=
At VID, accelerates programming; automatically
places device in unlock bypass mode. At VIL, locks all
sectors. Should be at VIH for all other conditions.
Logic Symbol
22
16
DQ15–DQ0
A21–A0
CE#
OE#
WE#
RESET#
CLK
RDY
AVD#
WP#
ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com