Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640GBC9WSI Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29BDS640GBC9WSI
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GBC9WSI Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29BDS640GBC9WSI Datasheet HTML 10Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 11Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 13Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 14Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 15Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 16Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 17Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
12
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
Device Bus Operations
This section describes the requirements and use of the device bus operations,
which are initiated through the internal command register. The command register
itself does not occupy any addressable memory location. The register is com-
posed of latches that store the commands, along with the address and data
information needed to execute the command. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the
function of the device. Table 1 lists the device bus operations, the inputs and con-
trol levels they require, and the resulting output. The following subsections
describe each of these operations in further detail.
Table 1. Device Bus Operations
Legend: L = Logic 0, H = Logic 1, X = Don’t Care, S = Stable Logic 0 or 1 but no transitions.
Note: Default active edge of CLK is the rising edge.
Enhanced VersatileIO™ (VIO) Control
The Enhanced VersatileIO (VIO) control allows the host system to set the voltage
levels that the device generates at its data outputs and the voltages tolerated at
its data and address inputs to the same voltage level that is asserted on the VIO
pin. The device is available with either 1.65–1.95 or 2.7–3.15 VIO. This allows the
device to operate in 1.8 V or 3 V system environments as required.
For example, a VIO of 2.7 – 3.15 volts allows for I/O at the 3 volt level, driving
and receiving signals to and from other 3 V devices on the same bus.
Requirements for Asynchronous Read
Operation (Non-Burst)
To read data from the memory array, the system must first assert a valid address
on A21–A0, while driving AVD# and CE# to VIL. WE# should remain at VIH. The
rising edge of AVD# latches the address. The data will appear on DQ15–DQ0.
Operation
CE#
OE#
WE#
A21–0
DQ15–0
RESET#
CLK
(See
Note) AVD#
Asynchronous Read - Addresses Latched
L
L
H
Addr In
I/O
H
X
Asynchronous Read - Addresses Steady State
L
L
H
Addr In
I/O
H
X
L
Asynchronous Write
L
H
L
Addr In
I/O
H
L
L
Synchronous Write
L
H
L
Addr In
I/O
H
Standby (CE#)
H
X
X
HIGH Z
HIGH Z
H
X
X
Hardware Reset
X
X
X
HIGH Z
HIGH Z
L
X
X
Burst Read Operations
Load Starting Burst Address
L
X
H
Addr In
X
H
Advance Burst to next address with
appropriate Data presented on the Data Bus
LL
H
HIGH Z
Burst
Data Out
HH
Terminate current Burst read cycle
H
X
H
HIGH Z
HIGH Z
H
X
Terminate current Burst read cycle via RESET#
X
X
H
HIGH Z
HIGH Z
L
X
X
Terminate current Burst read cycle and start
new Burst read cycle
LXH
HIGH Z
I/O
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com