Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDS640GBC9WSI Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM29BDS640GBC9WSI
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GBC9WSI Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM29BDS640GBC9WSI Datasheet HTML 43Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 44Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 45Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 46Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 47Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 48Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 49Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 50Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
45
Data
Sheet
DC Characteristics
CMOS Compatible
Notes:
1. Maximum ICC specifications are tested with VCC = VCCmax.
2. All ICC specifications are tested with VIO = VCC.
3. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Device enters automatic sleep mode when addresses are stable for tACC + 60 ns. Typical sleep mode current is equal
to ICC3.
Parameter Description
Test Conditions (Note 1,2)
Min
Typ.
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCCmax
±1
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCCmax
±1
µA
ICCB
VCC Active Burst Read Current
CE# = VIL, OE# = VIH, WE# = VIH,
54 MHz
10
20
mA
CE# = VIL, OE# = VIH, WE# = VIH,
40 MHz
816
mA
IIO
VIO Non-active Output
VIO = 1.8 V, OE# = VIH
0.2
10
µA
VIO = 3.0 V, OE# = VIH
0.2
10
µA
ICC1
VCC Active Asynchronous Read
Current (Note 3)
CE# = VIL, OE# = VIH,
WE# = VIH
5 MHz
12
16
mA
1 MHz
3.55mA
ICC2
VCC Active Write Current (Note 4) CE# = VIL, OE# = VIH, VPP = VIH
15
40
mA
ICC3
VCC Standby Current (Note 5)
CE# = RESET# = VCC ± 0.2 V
0.2
10
µA
ICC4
VCC Reset Current
RESET# = VIL, CLK = VIL
0.2
10
µA
ICC5
VCC Active Current
(Read While Write)
CE# = VIL, OE# = VIH
25
60
mA
VIL
Input Low Voltage
VIO = 1.8 V
–0.5
0.2
V
VIO = 3.0 V
–0.5
0.4
V
VIH
Input High Voltage
VIO = 1.8 V
VIO – 0.2
VIO + 0.2
V
VIO = 3.0 V
VIO – 0.4
VIO + 0.4
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = VCC min,
VIO = VIO min
0.1
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min,
VIO = VIO min
VIO – 0.1
V
VID
Voltage for Accelerated Program
11.5
12.5
V
VLKO
Low VCC Lock-out Voltage
1.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com